Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB05-05C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB05-05C
Description  50V, 500mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB05-05C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB05-05C Datasheet HTML 1Page - Sanyo Semicon Device SB05-05C Datasheet HTML 2Page - Sanyo Semicon Device SB05-05C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB05-05C
No. A0409-2/3
Package Dimensions
trr Test Circuit
unit : mm
7013A-004
1 : Anode
2 : No Contact
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
0
0.6
0.8
1.0
0.2
0.4
1.0
0.1
0.01
7
5
2
3
7
5
2
3
1.2
Ta=125
°C
ID00339
0
1000
100
2
5
2
5
2
10
5
1.0
5
2
0.1
5
2
2
60
70
10
20
30
40
50
Ta=125
°C
25°C
50°C
75°C
100°C
ID00340
1.0
23
7
10
52
3
7
100
5
ID00342
f=1MHz
ID00341
5
2
3
0
0
100
500
600
400
300
200
100
200
300
400
600
500
5
10
3
7
7
5
3
2
100
(1)
(4)
(2)
(3)
IF -- VF
IR -- VR
PF(AV) -- IO
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
Average Output Current, IO -- A
Reverse Voltage, VR -- V
180
°
360
°
θ
360
°
Rectangular
wave
Sine wave
C -- VR
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Duty
≤10%
50
100
10
5V
trr
10
µs


Similar Part No. - SB05-05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB05-05C ONSEMI-SB05-05C Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
SB05-05C-TB-E ONSEMI-SB05-05C-TB-E Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
More results

Similar Description - SB05-05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
   50V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
   50V, 500mA Rectifier
SB05W05C SANYO-SB05W05C Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05P SANYO-SB05-05P Datasheet
57Kb / 2P
   50V, 500mA Rectifier
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
   50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
   500mA / 50V Digital transistors
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com