Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB05-05C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SB05-05C
Description  50V, 500mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB05-05C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SB05-05C Datasheet HTML 1Page - Sanyo Semicon Device SB05-05C Datasheet HTML 2Page - Sanyo Semicon Device SB05-05C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SB05-05C
No. A0409-3/3
ID00343
7 0.01
23
7
0.1
0
52
3
7
1.0
52
3
6
7
4
2
5
3
1
IFSM -- t
IS
20ms
t
Time, t -- s
Current waveform 50Hz sine wave
PS
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state,
and are not guarantees of the performance, characteristics, and functions of the described products
as mounted in the customer's products or equipment. To verify symptoms and states that cannot be
evaluated in an independent device, the customer should always evaluate and test devices mounted
in the customer's products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic
or mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate
and reliable, but no guarantees are made or implied regarding its use or any infringements of
intellectual property rights or other rights of third parties.
This catalog provides information as of April, 2006. Specifications and information herein are subject
to change without notice.


Similar Part No. - SB05-05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB05-05C ONSEMI-SB05-05C Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
SB05-05C-TB-E ONSEMI-SB05-05C-TB-E Datasheet
316Kb / 6P
   Schottky Barrier Diode
September, 2013
logo
Sanyo Semicon Device
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
More results

Similar Description - SB05-05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
   50V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
   50V, 500mA Rectifier
SB05-05P SANYO-SB05-05P_12 Datasheet
427Kb / 6P
   50V, 500mA Rectifier
SB05W05C SANYO-SB05W05C Datasheet
59Kb / 2P
   50V, 500mA Rectifier?
SB05-05P SANYO-SB05-05P Datasheet
57Kb / 2P
   50V, 500mA Rectifier
SB05W05V SANYO-SB05W05V Datasheet
67Kb / 2P
   50V, 500mA Rectifier
logo
Rohm
DTD113ZK ROHM-DTD113ZK_09 Datasheet
145Kb / 4P
   500mA / 50V Digital transistors
DTB123EK ROHM-DTB123EK_15 Datasheet
911Kb / 9P
   -500mA/-50V Digital transistor
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com