Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SBT250-06JS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. SBT250-06JS
Description  60V, 25A Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBT250-06JS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBT250-06JS Datasheet HTML 1Page - Sanyo Semicon Device SBT250-06JS Datasheet HTML 2Page - Sanyo Semicon Device SBT250-06JS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBT250-06JS
No. A997-2/3
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Interterminal Capacitance
C
VR=10V, Tj=25°C*
430
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
3.5
°C / W
Note) * : Value per element
Package Dimensions
Electrical Connection
unit : mm (typ)
7525-001
13
2
1 : Anode
2 : Cathode
3 : Anode
Top view
1 : Anode
2 : Cathode
3 : Anode
SANYO : TO-220ML(LS)
0.75
0.7
12 3
10.0
1.2
1.6
2.55
2.55
4.5
2.8
3.2
0
1.0
10
1.5
1.0
0.5
5
7
2
3
5
7
2
3
5
7
2
3
7
5
2
3
0.01
0.1
IT08555
0
10
1.0
100
5
7
3
2
5
7
3
2
5
3
2
10
20
30
40
60
50
70
(3)
(1)
0
0
10
15
25
20
5
10
530
20
25
15
IT08557
(4)
(3)
(1)
0
0
7
12
10
5
1
8
11
6
3
2
9
4
50
60
70
40
30
20
10
(2)
(4)
(2)
Tj=150
°C
25°
C
IT08556
IT08558
Tj=150
°C max
150°
C typ
125°
C typ
100°
C typ
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
IR -- VR
Average Forward Current, IO -- A
PF(AV) -- IO
Peak Reverse Voltage, VRM -- V
PR(AV) -- VRM
PR max at Tj=150°C
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
VR
Rectangular
wave
180
°
360
°
VR
Sine wave
Represented by max
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
IF -- VF


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn