Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA3101_0909 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # SMA3101_0909
Description  Wideband Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SMA3101_0909 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  SMA3101_0909 Datasheet HTML 1Page - Sanyo Semicon Device SMA3101_0909 Datasheet HTML 2Page - Sanyo Semicon Device SMA3101_0909 Datasheet HTML 3Page - Sanyo Semicon Device SMA3101_0909 Datasheet HTML 4Page - Sanyo Semicon Device SMA3101_0909 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMA3101
No.A1431-4/5
Freqency, f -- MHz
Freqency, f -- MHz
Input Level, Pin -- dBm
Freqency, f -- MHz
RLin -- f
RLout -- f
ISO -- f
Pout -- Pin
Input Level, Pin -- dBm
Pout -- Pin
IT14492
--40
--30
--20
--10
0
--50
--60
--5
0
5
10
--10
--15
--20
VCC=5.0V
f=1.0GHz
--35
IT14489
0
0
--5
--10
--15
--20
--25
--30
1000
2000
3000
4000
--50
IT14490
0
0
--10
--20
--30
--40
1000
2000
3000
4000
--25
--30
--35
IT14491
0
0
--5
--10
--15
--20
1000
2000
3000
4000
5.5V
5.0V
4.5V
5.5V
5.0V
4.5V
5.5V
5.0V
4.5V
IT14493
--40
--30
--20
--10
0
--50
--60
--5
0
5
10
--10
--15
--20
VCC=5.0V
f=2.2GHz
Gp -- f
Frequency, f -- MHz
IT14488
0
15
20
25
30
1000
2000
3000
4000
5.5V
5.0V
4.5V
ICC -- VCC
Circuit Voltage, VCC -- V
IT14487
0
0
2
4
6
8
12
10
14
12
5
34
6


Similar Part No. - SMA3101_0909

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMA3101-TL-E ONSEMI-SMA3101-TL-E Datasheet
604Kb / 8P
   MMIC Amplifier
August, 2013
logo
Sanyo Semicon Device
SMA3101 SANYO-SMA3101_12 Datasheet
540Kb / 8P
   Wideband Amplifier
More results

Similar Description - SMA3101_0909

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com