Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

GI2401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. GI2401
Description  Dual Common-Cathode Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI2401 Datasheet(HTML) 2 Page - Vishay Siliconix

  GI2401 Datasheet HTML 1Page - Vishay Siliconix GI2401 Datasheet HTML 2Page - Vishay Siliconix GI2401 Datasheet HTML 3Page - Vishay Siliconix GI2401 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GI2401 thru GI2404
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88624
Revision: 30-Aug-07
2
Note:
(1) Thermal resistance from junction to ambient and from junction to case per leg mounted on heatsink
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI2401
GI2402
GI2403
GI2404
UNIT
Maximum instantaneous forward voltage
per diode
IF = 4 A
IF = 8 A
IF = 4 A
IF = 8 A
TJ = 25 °C
TJ = 25 °C
TJ = 100 °C
TJ = 100 °C
VF
0.900
0.975
0.800
0.895
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TC = 25 °C
TC = 100 °C
IR
50
150
5.0
500
µA
Maximum reverse recovery time
per diode
IF = 0 .5 A, IR = 1.0 A,
Irr = 0.25A
trr
35
ns
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
85
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI2401
GI2402
GI2403
GI2404
UNIT
Typical thermal resistance per diode (1)
RθJA
RθJC
16
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
GI2401-E3/45
1.85
45
50/tube
Tube
TO-220AB
GI2401HE3/45 (1)
1.85
45
50/tube
Tube
Figure 1. Maximum Forward Current Derating Curve
0
12
16
20
75
50
25
0
100
125
150
Case Temperature (°C)
8
4
Resistive or Inductive Load
Infinite Heatsink, T
C
Ambient Air Rating, T
A
Figure 2. Maximum Non-Repetitive Peak Forward
Surge Current Per Diode
0
25
50
75
150
125
100
1
100
10
T
C = 125 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn