Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SMA4306 Datasheet(HTML) 3 Page - Sanyo Semicon Device

Part No. SMA4306
Description  Oscillator IC for Laser Diode Noise Suppression Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo 

SMA4306 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SMA4306 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
SMA4306
No. A1771-3/4
Harmonic
Harmonics
fosc -- VCC
Supply Voltage, VCC -- V
Posc -- Temp.
Temperature, Temp. --
°C
Posc -- L
Inductance, L -- nH
fosc -- L
Inductance, L -- nH
fosc -- Temp.
Temperature, Temp. --
°C
IT16334
0
123
6
9
47
58
10
--50
--60
--20
10
0
--30
--10
--40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IT16333
350
360
370
380
390
450
440
430
420
410
400
L=47nH
C=10pF
VCC=5.0V
L=47nH
C=10pF
IT16335
--40
0
7
10
5
6
4
1
2
3
9
8
--20
0
20
40
60
80
100
L=47nH
C=10pF
V
CC=5.0V
4.0V
3.0V
IT16336
--40
380
394
400
390
392
388
382
384
386
398
396
--20
0
20
40
60
80
100
L=47nH
C=10pF
VCC=3.0V
4.0V
5.0V
1.0
10
100
35
7
23
5
7
2
3
2
1
--2
--1
--3
6
4
5
7
9
8
10
--4
0
IT16349
C=10pF
C=10pF
1.0
10
100
35
7
23
5
7
2
400
300
700
500
600
800
1000
900
1100
200
IT16350
VCC=5.0V
3.0V
VCC=5.0V
3.0V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn