Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

STK672-050-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part No. STK672-050-E
Description  Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK672-050-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 9Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STK672-050-E
No.5228-7/19
Printed Circuit Board Design Recommendations
This hybrid IC has two grounds, the PG pins (pins 3 and 4) and the SG pin (pin 22). These are connected internally in
the hybrid IC.
Two power supplies are required: a motor drive supply and a 5V supply for the hybrid IC itself. If the ground
connections for these supplies are not good, the motor current waveforms may become unstable, motor noise may
increase, and vibration levels may increase. Use appropriate wiring for these grounds. Here we present two methods for
implementing these ground connections.
If the grounds for the motor drive supply and the hybrid IC 5V supply are connected in the immediate vicinity of the
power supplies:
• If PG and SG are shorted at the power supply, connect only the PG line to pins 3 and 4 on the hybrid IC. Also, be sure
that no problems occur due to voltage drops due to common impedances. In the specifications, this must be VCC2
±5%.
• The current waveforms will be more stable if the Vref ground is connected to pin 22.
• For initial values, use 470μF or over for C1 and 10μF or over for C2.
Locate C1 as close to the hybrid IC as possible, and the capacitor ground line must be as short as possible.
If the grounds for the motor drive supply and the hybrid IC 5V supply are separated:
• Insert a capacitor (C1) of 100μF or over as close as possible to the hybrid IC. The capacitor ground line must be as
short as possible.
The capacitor C2 may be included if necessary. Its ground line should also be as short as possible.
SG
3
4
PG
STK672-050-E
VCC2
Vref
CLK
7
8
22
14
--
+
--
+
SG
PG
C1
+
+
ITF02397
Separation
Motor
drive
power
supply
5V
power
supply
470
μF or over
Stepping motor
Oscillator
circuit
(CLK)
SG
3
4
PG
STK672-050-E
VCC2
Vref
CLK
7
8
22
14
--
+
--
+
SG
PG
C1
+
+
ITF02396
Motor
drive
power
supply
5V
power
supply
470
μF or over
Stepping motor
Oscillator
circuit
(CLK)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn