Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

STK672-050-E Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part No. STK672-050-E
Description  Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050-E Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button STK672-050-E Datasheet HTML 10Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 15Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 16Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 17Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
STK672-050-E
No.5228-14/19
Excitation Time and Timing Charts
• CLK rising edge operation
ITF02400
CLK
CWB
RESET
M3
M2
M1
A
A
B
B
MO1
MO2
MOI
71%
100%
Vref A
71%
100%
Vref B
0
1
0
0
2 Phase Excitation Timing Chart (M3 = 1)
CLK
CWB
RESET
M3
M2
M1
A
A
B
B
MO1
MO2
MOI
71%
100%
Vref A
71%
100%
Vref B
0
1
0
1
1-2 Phase Excitation Timing Chart (M3 = 1)
0
CLK
CWB
RESET
M3
M2
M1
A
A
B
B
MO1
MO2
MOI
71%
100%
Vref A
71%
100%
Vref B
0
1
1
0
W1-2 Phase Excitation Timing Chart (M3 = 1)
0
40%
40%
92%
92%
CLK
CWB
RESET
M3
M2
M1
A
A
B
B
MO1
MO2
MOI
71%
55%
100%
Vref A
71%
100%
Vref B
0
1
1
0
2W1-2 Phase Excitation Timing Chart (M3 = 1)
0
40%
20%
40%
92%
92%
83%
55%
20%
83%
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn