Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

STK672-050-E Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part No. STK672-050-E
Description  Stepping Motor Driver (sine wave drive) Output Current 3.0A (no heat sink*)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-050-E Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button STK672-050-E Datasheet HTML 11Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 12Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 13Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 14Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 15Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 16Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 17Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 18Page - Sanyo Semicon Device STK672-050-E Datasheet HTML 19Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
STK672-050-E
No.5228-18/19
40
0
42
44
54
46
48
50
52
58
56
0
20
40
60
80
100
120
140
VCC2=5V
ITF02406
ITF02407
ITF02404
ITF02405
ITF02408
ITF02409
ITF02410
ITF02411
42
40
0
46
44
50
48
54
56
52
58
0 4.5
5.0
5.5
6.0
Tc=25
°C
1
0
3
2
4
6
5
012
3456
VCC2=5V
Tc
=1
05°
C
Tc=
25°
C
0
2
1
3
4
5
6
02
3
1
456
VCC2=5V
0
0.5
1.5
1.0
2.0
2.5
0
20304050
Tc=25
°C
VCC2=5V
1.5A
2.0A
1.0A
0.5A
Vref=0V
1.0
0
2.0
3.0
10
20
40
60
80
100
120
2.0A
1.0A
Vref=0V
20
30
10
40
50
60
70
80
90
100
110
100
1k
10k
50k
2W
1-2
EX
,
4W
1-2
EX
IO
H =
2.0
A
W1-2EX,
IOH=2.0A
V
M =4
5V
2E
X
IO
H= 1
.5A
0.4
0.2
0
0.6
0.8
1.0
1.2
1.6
1.4
10
20
30
40
IOH=2
.5A
IOH=2.0A
IOH=1.0A
fc - VCC2
Supply voltage, VCC2 - V
fc - Tc
Substrate temperature, Tc -
°C
Vsat - IOH
Phase output current, IOH - A
IOH - Vdf
FET diode forward voltage, Vdf - V
Test motor: PK264-01B
IOH - VCC1
Supply voltage, VCC1 - V
Test motor: PK264-02B
VCC1=24V
VCC2=5V
Test motor: PK264-02B
VCC1=24V
VCC2=5V
IOH - Tc
Substrate temperature, Tc - °C
ΔTc - PPS
Input PPS - Hz
Test motor: PK264-02B
Tc=25
°C, VCC2=5V
Motor common pin current
With one phase held.
IM - VCC1
Supply voltage, VCC1 - V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn