Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIG062E8 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TIG062E8
Description  Light-Controlling Flash Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG062E8 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TIG062E8 Datasheet HTML 1Page - Sanyo Semicon Device TIG062E8 Datasheet HTML 2Page - Sanyo Semicon Device TIG062E8 Datasheet HTML 3Page - Sanyo Semicon Device TIG062E8 Datasheet HTML 4Page - Sanyo Semicon Device TIG062E8 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIG062E8
No. A1480-2/5
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=2mA, VGE=0V
400
V
Collector-to-Emitter Cutoff Current
ICES
VCE=320V, VGE=0V
10
μA
Gate-to-Emitter Leakage Current
IGES
VGE=±6V, VCE=0V
±10
μA
Gate-to-Emitter Threshold Voltage
VGE(off)
VCE=10V, IC=1mA
0.4
0.9
V
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=100A, VGE=3V
5
8
V
Input Capacitance
Cies
VCE=10V, f=1MHz
2400
pF
Output Capacitance
Coes
VCE=10V, f=1MHz
32
pF
Reverse Transfer Capacitance
Cres
VCE=10V, f=1MHz
24
pF
Package Dimensions
Electrical Connection
unit : mm (typ)
7011A-004
Fig.1 Large Current R Load Switching Circuit
Note1. Gate Series Resistance RG ≥ 250Ω is recommended for protection purpose at the time of turn OFF. However,
if dv / dt ≤ 400V / μs is satisfied at customer’s actual set evaluation, RG < 250Ω can also be used.
Note2. The collector voltage gradient dv / dt must be smaller than 400V / μs to protect the device when it is turned off.
87
6
5
12
3
4
Top view
1 : Emitter
2 : Emitter
3 : Emitter
4 : Gate
5 : Collector
6 : Collector
7 : Collector
8 : Collector
100kΩ
CM
RL
RG
VCC
+
TIG062E8
1 : Emitter
2 : Emitter
3 : Emitter
4 : Gate
5 : Collector
6 : Collector
7 : Collector
8 : Collector
SANYO : ECH8
1
4
85
0.15
0 t o 0.02
0.65
2.9
0.3
To p View
Bo tto m View


Similar Part No. - TIG062E8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
   Light-Controlling Flash Applications
More results

Similar Description - TIG062E8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
   Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG062E8 SANYO-TIG062E8 Datasheet
339Kb / 5P
   Light-Controlling Flash Applications
TIG014TS SANYO-TIG014TS Datasheet
42Kb / 4P
   Light-Controlling Flash Applications
TIG067SS SANYO-TIG067SS Datasheet
581Kb / 9P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8_12 Datasheet
180Kb / 7P
   N-Channel IGBT Light-Controlling Flash Applications
TIG052TS SANYO-TIG052TS Datasheet
55Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG064E8 SANYO-TIG064E8 Datasheet
341Kb / 5P
   N-Channel IGBT Light-Controlling Flash Applications
TIG030TS SANYO-TIG030TS Datasheet
51Kb / 4P
   N-Channel IGBT Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com