Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL99 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAL99
Description  Silicon Switching Diode (For high-speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAL99 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAL99 Datasheet HTML 1Page - Siemens Semiconductor Group BAL99 Datasheet HTML 2Page - Siemens Semiconductor Group BAL99 Datasheet HTML 3Page - Siemens Semiconductor Group BAL99 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Silicon Switching Diode
BAL 99
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BAL 99
Q62702-A687
JFs
SOT-23
Parameter
Symbol
Values
Unit
Reverse voltage
VR
70
V
Forward current
IF
250
mA
Junction temperature
Tj
150
˚C
Total power dissipation, TS =54˚C
Ptot
370
mW
Storage temperature range
Tstg
– 65 … + 150
Peak reverse voltage
VRM
70
Surge forward current,
t = 1 µs
IFS
4.5
A
Thermal Resistance
Junction - ambient2)
Rth JA
330
K/W
Junction - soldering point
Rth JS
260
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
For high-speed switching
5.91


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
BAL99 DSK-BAL99 Datasheet
225Kb / 3P
   Surface mount switching diode
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAL99 WEITRON-BAL99 Datasheet
344Kb / 3P
   Surface Mount Switching Diode
logo
Infineon Technologies A...
BAL99 INFINEON-BAL99 Datasheet
70Kb / 6P
   Silicon Switching Diode
2007-04-19
logo
SUNMATE electronic Co.,...
BAL99 SUNMATE-BAL99 Datasheet
300Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR74 SIEMENS-BAR74 Datasheet
107Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAR99 SIEMENS-BAR99 Datasheet
96Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS16 SIEMENS-BAS16 Datasheet
97Kb / 4P
   Silicon Switching Diode (For high-speed switching)
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
logo
Zetex Semiconductors
BAS19 ZETEX-BAS19 Datasheet
35Kb / 2P
   SILICON HIGH SPEED SWITCHING DIODE
logo
List of Unclassifed Man...
CD4531 ETC-CD4531 Datasheet
145Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
logo
Central Semiconductor C...
CMSD4448 CENTRAL-CMSD4448_15 Datasheet
469Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
CMPD914E CENTRAL-CMPD914E_15 Datasheet
469Kb / 2P
    HIGH SPEED SILICON SWITCHING DIODE
logo
Continental Device Indi...
CD4531 CDIL-CD4531 Datasheet
232Kb / 3P
   HIGH SPEED SILICON SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com