Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BUH1015HI Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

Part No. BUH1015HI
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISC [Inchange Semiconductor Company Limited]
Homepage  http://www.iscsemi.cn
Logo 

BUH1015HI Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUH1015HI Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BUH1015HI
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)EBO
Emitter-base breakdown voltage
IE=10mA; IC=0
10
V
VCEO(SUS)
Collector-emitter sustaining voltage
IC=100mA; IB=0
700
V
VCEsat
Collector-emitter saturation voltage
IC=10A; IB=2A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=10A; IB=2A
1.5
V
ICES
Collector cut-off current
VCE=1500V ;VBE=0
Tj=125℃
0.2
2
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
0.1
mA
hFE
DC current gain
IC=10A ; VCE=5V
Tj=100℃
7
5
14
Switching times resistive load
ts
Storage time
1.5
μs
tf
Fall time
IC=10A;IB1=2A;IB2=-6A;
VCC=400V
110
ns
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-case
Thermal resistance junction case
1.8
℃/W


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn