Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR64-W Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BAR64-W
Description  Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR64-W Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BAR64-W Datasheet HTML 1Page - Siemens Semiconductor Group BAR64-W Datasheet HTML 2Page - Siemens Semiconductor Group BAR64-W Datasheet HTML 3Page - Siemens Semiconductor Group BAR64-W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAR 64 ... W
Semiconductor Group
Sep-04-1998
3
Forward current
IF = f (TA*;TS)
* mounted on alumina
0
20
40
60
80
100
120 °C
150
TA,TS
0
20
40
60
80
100
mA
140
5
0
20
40
60
80
100
120 °C
150
TA,TS
0
20
40
60
80
100
mA
140
TS
0
20
40
60
80
100
120 °C
150
TA,TS
0
20
40
60
80
100
mA
140
TA
0
20
40
60
80
100
120 °C
150
TA,TS
0
20
40
60
80
100
mA
140
Permissible Pulse Load
RthJS = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
IFmax / IFDC = f(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
1
s
tp
0
10
1
10
2
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - BAR64-W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-02 SIEMENS-BAR64-02 Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
   Silicon PIN Diode
2013-06-10
BAR64-02L INFINEON-BAR64-02L Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
More results

Similar Description - BAR64-W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com