Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD1006FR Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # UD1006FR
Description  Low VF Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

UD1006FR Datasheet(HTML) 1 Page - Sanyo Semicon Device

  UD1006FR Datasheet HTML 1Page - Sanyo Semicon Device UD1006FR Datasheet HTML 2Page - Sanyo Semicon Device UD1006FR Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UD1006FR
No. A1745-1/3
Features
VRRM=600V.
VF=1.3V max (IF=10A).
trr=60ns(typ) (IF=0.5A, IR=1A).
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
600
V
Average Output Current
IO
50Hz resistive load, Sine wave Tc=79°C
10
A
R.M.S Forward Current
IF(RMS)
Tc=25°C (SANYO’s ideal heat dissipation condition) Package limited
18
A
Surge Forward Current
IFSM
Sine wave 10ms 1pulse
120
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7532-001
Ordering number : ENA1745
51910SA TK IM TC-00002308
SANYO Semiconductors
DATA SHEET
UD1006FR
http://semicon.sanyo.com/en/network
Diffused Junction Silicon Diode
Low VF Switching Diode
Product & Package Information
• Package
: TO-220F-2FS
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50pcs./magazine
Marking
Electrical Connection
1
2
UD1006
FR LOT No.
1 : Cathode
2 : Anode
SANYO : TO-220F-2FS
10.16
0.8
1.47 MAX
1.28
4.7
2.54
2.76
12
0.5
5.08
3.18
* : This part is not a metal
but a resin
*


Similar Part No. - UD1006FR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UD1006FR ONSEMI-UD1006FR Datasheet
205Kb / 5P
   Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
UD1006FR-H SANYO-UD1006FR-H Datasheet
306Kb / 5P
   Diffused Junction Silicon Diode Low VF Switching Diode
logo
ON Semiconductor
UD1006FR-H ONSEMI-UD1006FR-H Datasheet
205Kb / 5P
   Planar Ultrafast Rectifier
September, 2013
logo
Sanyo Semicon Device
UD1006FR SANYO-UD1006FR_12 Datasheet
306Kb / 5P
   Diffused Junction Silicon Diode Low VF Switching Diode
More results

Similar Description - UD1006FR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
UD2006FR SANYO-UD2006FR Datasheet
246Kb / 3P
   Low VF Switching Diode
UD0506T SANYO-UD0506T Datasheet
219Kb / 3P
   Low VF Switching Diode
UD2006LS-SB SANYO-UD2006LS-SB Datasheet
244Kb / 3P
   Low VF Switching Diode
UD1006LS-SB5 SANYO-UD1006LS-SB5 Datasheet
249Kb / 3P
   Low VF Switching Diode
RD0306LS-SB SANYO-RD0306LS-SB Datasheet
236Kb / 3P
   Low VF - High-Speed Switching Diode
RD0504T SANYO-RD0504T_12 Datasheet
445Kb / 7P
   Low VF . High-Speed Switching Diode
RD2004JN SANYO-RD2004JN Datasheet
191Kb / 3P
   Low VF/High-Speed Switching Diode
RD0504T SANYO-RD0504T Datasheet
268Kb / 3P
   Low VF ??High-Speed Switching Diode
RD1006LN SANYO-RD1006LN Datasheet
195Kb / 3P
   Low VF ??High-Speed Switching Diode
RD0106T SANYO-RD0106T Datasheet
218Kb / 3P
   Low VF ??High-Speed Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com