Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

UD1006FR Datasheet(HTML) 2 Page - Sanyo Semicon Device

Part No. UD1006FR
Description  Low VF Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo 

UD1006FR Datasheet(HTML) 2 Page - Sanyo Semicon Device

  UD1006FR Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
UD1006FR
No. A1745-2/3
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=1mA
600
V
Forward Voltage
VF
IF=10A
1.1
1.3
V
Reverse Current
IR
VR=600V
100
μA
Reverse Recovery Time
trr1IF=10A, di / dt=100A/μs
100
150
ns
trr2IF=0.5A, IR=1A
60
ns
Thermal Resistance
Rth(j-c)
Junction -Case : Smoothed DC
4.9
°C / W
IF -- VF
IFSM -- t
Time, t -- s
Cob -- VR
Reverse Voltage, VR -- V
Rth(j-c) -- t
Time, t -- s
Forward Voltage, VF -- V
0.1
1.0
2
3
57
2
10
3
57
2
5
5
2
7
7
100
1000
3
IT14892
60
70
80
90
100
110
120
130
0.01
23
7 0.1
52
3
2
3
7 1.0
5
IT14893
100
3
57
IT14894
0.001
0.01
2
3
5
37
2
0.1
5
37
2
1.0
5
37
2
10
5
37
2
5
3
7
3
5
2
5
7
1.0
0
0.4
1.4
1.2
0.8
0.2
1.0
0.6
0.3
1.3
1.1
0.7
0.1
0.9
0.5
1.5
5
7
2
3
2
0.001
0.01
5
7
3
2
0.1
5
7
3
2
1.0
5
7
3
2
5
3
10
IT14891
IS
20ms
t
Current waveform 50Hz sine wave


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn