Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

UD2006FR Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. UD2006FR
Description  Low VF Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

UD2006FR Datasheet(HTML) 2 Page - Sanyo Semicon Device

  UD2006FR Datasheet HTML 1Page - Sanyo Semicon Device UD2006FR Datasheet HTML 2Page - Sanyo Semicon Device UD2006FR Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UD2006FR
No. A1845-2/3
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=1mA
600
V
Forward Voltage
VF
IF=20A
1.2
1.4
V
Reverse Current
IR
VR=600V
20
μA
Reverse Recovery Time
trr1IF=10A, di / dt=100A/μs
75
150
ns
trr2IF=0.5A, IR=1A
60
ns
Thermal Resistance
Rth(j-c)
Junction -Case : Smoothed DC
4
°C / W
Electrical Characteristics at Ta=125°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Current
IR
VR=600V
200
μA
IF -- VF
Forward Voltage, VF -- V
Cj -- VR
Reverse Voltage, VR -- V
IFSM -- t
Time, t -- s
Rth(j-c) -- t
Time, t -- s
0
0.1
1.0
100
2.4
2.2
2.0
1.0
0.8
0.6
0.4
0.2
1.4
1.2
1.6
1.8
10
0.001
0.01
IT15983
1.0
0.1
100
1000
1.0
10
2
3
3
5
2
5
7
3
2
5
7
7
10
100
f=100kHz
IT15984
0.01
23
7 0.1
100
52
2
3
37 1.0
57 10
5
190
140
120
160
130
110
150
180
170
IT15985
0.001
0.01
0.1
1.0
10
2
3
52
52
52 3 5 7
37
37
37
7
5
2
3
2
5
7
0.1
1.0
10
IT15986
75
°C
t
20ms
IS
Current waveform 50Hz sine wave


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn