Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

WPB4002 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. WPB4002
Description  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

WPB4002 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  WPB4002 Datasheet HTML 1Page - Sanyo Semicon Device WPB4002 Datasheet HTML 2Page - Sanyo Semicon Device WPB4002 Datasheet HTML 3Page - Sanyo Semicon Device WPB4002 Datasheet HTML 4Page - Sanyo Semicon Device WPB4002 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WPB4002
No. A1769-3/5
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- Tc
RDS(on) -- VGS
IS -- VSD
| yfs | -- I
D
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT15682
IT15683
IT15684
IT15685
--50
--25
0
25
50
75
100
125
150
0
0
60
50
30
40
10
30
525
20
15
20
10
0
70
60
50
30
20
40
10
016
412
210
68
14
15V
10V
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Tc=25
°C
VDS=20V
VGS=5V
IT15687
0
0.2
0.4
0.6
0.8
1.4
1.2
1.0
0.01
0.1
10
7
5
5
3
2
7
3
2
7
5
3
2
2
1.0
7
5
3
IT15686
0.1
1.0
23
5 7
23
5 7 10
23
7
5
10
1.0
2
5
7
3
5
7
3
2
5
3
VDS=10V
Tc=
--25
°C
75
°C
VGS=0V
Tc= --25
°C
25
°C
75
°C
35
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
15
13
9
711
ID=11.5A
Tc=75
°C
25
°C
--25
°C
V GS
=10V
, I D
=1
1.5A
6V
25
°C
8V
IT15688
100
1000
3
2
2
2
5
7
3
7
5
0.1
1.0
10
23
5 7
2
3
2
35
57
VDD=200V
VGS=10V
td(off)
t r
tf
td(on)
0
100
1000
5
7
10000
7
5
3
2
7
5
3
2
50
10
30
40
20
IT15689
f=1MHz
Ciss
Coss
Crss
SW Time -- ID


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn