Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHLL014 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHLL014
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHLL014 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHLL014 Datasheet HTML 1Page - Vishay Siliconix SIHLL014 Datasheet HTML 2Page - Vishay Siliconix SIHLL014 Datasheet HTML 3Page - Vishay Siliconix SIHLL014 Datasheet HTML 4Page - Vishay Siliconix SIHLL014 Datasheet HTML 5Page - Vishay Siliconix SIHLL014 Datasheet HTML 6Page - Vishay Siliconix SIHLL014 Datasheet HTML 7Page - Vishay Siliconix SIHLL014 Datasheet HTML 8Page - Vishay Siliconix SIHLL014 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91319
www.vishay.com
S10-1257-Rev. C, 31-May-10
3
IRLL014, SiHLL014
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 150 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
20 µs Pulse Width
T
C = 25 °C
VDS, Drain-to-Source Voltage (V)
100
101
10-1
2.25 V
Bottom
Top
V
GS
7.5 V
5.0 V
4.0 V
3.5 V
3.0 V
2.75 V
2.5 V
10-2
10-1
101
100
V
20 µs Pulse Width
T
C = 150 °C
VDS, Drain-to-Source Voltage (V)
100
101
10-2
10-1
2.25 V
Bottom
Top
GS
7.5 V
5.0 V
4.0 V
3.5 V
3.0 V
2.75 V
2.5 V
10-1
101
100
20 µs Pulse Width
V
DS = 25 V
101
10-2
10-3
VGS, Gate-to-Source Voltage (V)
2.5
3
3.5
4
4.5
5
2
25 °C
150 °C
10-1
100
I
D = 10 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160


Similar Part No. - SIHLL014

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHLL014 VISHAY-SIHLL014 Datasheet
959Kb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
Vishay Telefunken
SIHLL014 TFUNK-SIHLL014 Datasheet
167Kb / 8P
   Power MOSFET
logo
Vishay Siliconix
SIHLL014 VISHAY-SIHLL014 Datasheet
170Kb / 8P
   Power MOSFET
01-Jan-2022
SIHLL014 VISHAY-SIHLL014 Datasheet
358Kb / 8P
   Power MOSFET
01-Jan-2022
SIHLL014-E3 VISHAY-SIHLL014-E3 Datasheet
959Kb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
More results

Similar Description - SIHLL014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com