Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLZ24S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRLZ24S
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRLZ24S Datasheet(HTML) 1 Page - Vishay Siliconix

  IRLZ24S Datasheet HTML 1Page - Vishay Siliconix IRLZ24S Datasheet HTML 2Page - Vishay Siliconix IRLZ24S Datasheet HTML 3Page - Vishay Siliconix IRLZ24S Datasheet HTML 4Page - Vishay Siliconix IRLZ24S Datasheet HTML 5Page - Vishay Siliconix IRLZ24S Datasheet HTML 6Page - Vishay Siliconix IRLZ24S Datasheet HTML 7Page - Vishay Siliconix IRLZ24S Datasheet HTML 8Page - Vishay Siliconix IRLZ24S Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: 90416
www.vishay.com
S11-1044-Rev. C, 30-May-11
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRLZ24S, IRLZ24L, SiHLZ24S, SiHLZ24L
Vishay Siliconix
FEATURES
• Halogen-free According to IEC 61249-2-21
Definition
• Surface Mount
• Available in Tape and Reel
• Dynamic dV/dt Rating
• Logic-Level Gate Drive
•RDS (on) Specified at VGS = 4 V and 5 V
• 175°C Operating Temperature
•Fast Switching
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The D2PAK is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the
highest
power
capability
and
the
lowest
possible
on-resistance in any existing surface mount package. The
D2PAK is suitable for high current applications because of
its low internal connection resistance and can dissipate up
to 2.0 W in a typical surface mount application.
The through-hole version (IRLZ24L, SiHLZ24L) is available
for low-profile application.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 25 V, starting TJ = 25 °C, L = 444 μH, Rg = 25 , IAS = 17 A (see fig. 12).
c. ISD  17 A, dI/dt  140 A/μs, VDD  VDS, TJ  175 °C.
d. 1.6 mm from case.
e. When mounted on 1" square PCB (FR-4 or G-10 material)
PRODUCT SUMMARY
VDS (V)
60
RDS(on) ()VGS = 5 V
0.10
Qg (Max.) (nC)
18
Qgs (nC)
4.5
Qgd (nC)
12
Configuration
Single
N-Channel MOSFET
G
D
S
D2PAK (TO-263)
G
D
S
I2PAK (TO-262)
G
D
S
ORDERING INFORMATION
Package
D2PAK (TO-263)
I2PAK (TO-262)
Lead (Pb)-free and Halogen-free
SiHLZ24S-GE3
SiHLZ24L-GE3
Lead (Pb)-free
-
IRLZ24LPbF
-
SiHLZ24L-E3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 10
Continuous Drain Current
VGS at 5 V
TC = 25 °C
ID
17
A
TC = 100 °C
12
Pulsed Drain Currenta
IDM
68
Linear Derating Factor
0.40
W/°C
Linear Derating Factor (PCB Mount)e
0.025
Single Pulse Avalanche Energyb
EAS
110
mJ
Maximum Power Dissipation
TC = 25 °C
PD
60
W
Maximum Power Dissipation (PCB Mount)e
TA = 25 °C
3.7
Peak Diode Recovery dV/dtc
dV/dt
4.5
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - IRLZ24S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ24S IRF-IRLZ24S Datasheet
176Kb / 6P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRLZ24S VISHAY-IRLZ24S Datasheet
245Kb / 11P
   Power MOSFET
08-Feb-17
IRLZ24S VISHAY-IRLZ24S Datasheet
431Kb / 14P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRLZ24STRL IRF-IRLZ24STRL Datasheet
176Kb / 6P
   HEXFET POWER MOSFET
logo
Vishay Siliconix
IRLZ24S VISHAY-IRLZ24S_V01 Datasheet
245Kb / 11P
   Power MOSFET
08-Feb-17
More results

Similar Description - IRLZ24S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com