Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHLZ24 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIHLZ24
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHLZ24 Datasheet(HTML) 8 Page - Vishay Siliconix

  SIHLZ24 Datasheet HTML 1Page - Vishay Siliconix SIHLZ24 Datasheet HTML 2Page - Vishay Siliconix SIHLZ24 Datasheet HTML 3Page - Vishay Siliconix SIHLZ24 Datasheet HTML 4Page - Vishay Siliconix SIHLZ24 Datasheet HTML 5Page - Vishay Siliconix SIHLZ24 Datasheet HTML 6Page - Vishay Siliconix SIHLZ24 Datasheet HTML 7Page - Vishay Siliconix SIHLZ24 Datasheet HTML 8Page - Vishay Siliconix SIHLZ24 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Document Number: 71195
www.vishay.com
Revison: 01-Nov-10
1
Package Information
Vishay Siliconix
TO-220AB
Note
* M = 1.32 mm to 1.62 mm (dimension including protrusion)
Heatsink hole for HVM
* M
3
2
1
Ø P
A
F
J(1)
b(1)
e(1)
e
E
b
C
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.25
4.65
0.167
0.183
b
0.69
1.01
0.027
0.040
b(1)
1.20
1.73
0.047
0.068
c
0.36
0.61
0.014
0.024
D
14.85
15.49
0.585
0.610
E
10.04
10.51
0.395
0.414
e
2.41
2.67
0.095
0.105
e(1)
4.88
5.28
0.192
0.208
F
1.14
1.40
0.045
0.055
H(1)
6.09
6.48
0.240
0.255
J(1)
2.41
2.92
0.095
0.115
L
13.35
14.02
0.526
0.552
L(1)
3.32
3.82
0.131
0.150
Ø P
3.54
3.94
0.139
0.155
Q
2.60
3.00
0.102
0.118
ECN: X10-0416-Rev. M, 01-Nov-10
DWG: 5471


Similar Part No. - SIHLZ24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHLZ24 VISHAY-SIHLZ24 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Vishay Telefunken
SIHLZ24 TFUNK-SIHLZ24 Datasheet
1Mb / 9P
   Power MOSFET
logo
Vishay Siliconix
SIHLZ24-E3 VISHAY-SIHLZ24-E3 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
SIHLZ24L VISHAY-SIHLZ24L Datasheet
314Kb / 10P
   Power MOSFET
Rev. C, 30-May-11
logo
Vishay Telefunken
SIHLZ24L TFUNK-SIHLZ24L Datasheet
312Kb / 10P
   Power MOSFET
More results

Similar Description - SIHLZ24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com