Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15023 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MJ15023
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ15023 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ15023 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ15023 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MJ15023 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon PNP Power Transistors
MJ15023 MJ15025
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
MJ15023
-200
VCEO(SUS)
Collector-emitter
sustaining voltage
MJ15025
IC=-0.1A ;IB=0
-250
V
VCEsat-1
Collector-emitter saturation voltage
IC=-8A; IB=-0.8A
-1.4
V
VCEsat-2
Collector-emitter saturation voltage
IC=-16A; IB=-3.2A
-4.0
V
VBE
Base-emitter on voltage
IC=-8A ; VCE=-4V
-2.2
V
MJ15023
VCE=-150V; IB=0
ICEO
Collector
cut-off current
MJ15025
VCE=-200V; IB=0
-0.5
mA
MJ15023
VCE=-200V; VBE(off)=-1.5V
ICEX
Collector
cut-off current
MJ15025
VCE=-250V; VBE(off)=-1.5V
-0.25
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.5
mA
hFE-1
DC current gain
IC=-8A ; VCE=-4V
15
60
hFE-2
DC current gain
IC=-16A ; VCE=-4V
5
Is/b
Second breakdown collector
current with base forward biased
VCE=-50Vdc,t=0.5 s,
VCE=-80Vdc,t=0.5 s,Nonrepetitive
-5.0
-2.0
A
COB
Output capacitance
IE=0 ; VCB=-10V;f=1.0MHz
600
pF
fT
Transition frequency
IC=-1A ; VCE=-10V;f=1.0MHz
4
MHz


Similar Part No. - MJ15023

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15023 MOSPEC-MJ15023 Datasheet
141Kb / 3P
   POWER TRANSISTOR(16A,200-250V,250W)
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
144Kb / 4P
   SILICON POWER TRANSISTORS
1995 REV 7
logo
Wing Shing Computer Com...
MJ15023 WINGS-MJ15023 Datasheet
63Kb / 1P
   PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
ON Semiconductor
MJ15023 ONSEMI-MJ15023 Datasheet
72Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
More results

Similar Description - MJ15023

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com