Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16S Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BAS16S
Description  Silicon Switching Diode Array (For high-speed switching applications Internal (galvanic) isolated Diodes in one package)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAS16S Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BAS16S Datasheet HTML 1Page - Siemens Semiconductor Group BAS16S Datasheet HTML 2Page - Siemens Semiconductor Group BAS16S Datasheet HTML 3Page - Siemens Semiconductor Group BAS16S Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAS 16S
Semiconductor Group
Apr-24-1998
4
Forward voltage
VF = f (TA)
0
0.5
1.0
0
50
100
150
BAS 16
EHB00025
V
T
A
V
F
C
Ι
F = 100 mA
10 mA
1 mA
0.1 mA
Reverse current
IR = f (TA)
10
10
10
0
50
100
150
BAS 16
EHB00022
nA
T
A
Ι
R
C
10
10
5
4
3
2
1
5
5
5
25 V
70 V
max.
= 70 V
R
V
typ.
Semiconductor Group
4
1998-11-01


Similar Part No. - BAS16S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
517Kb / 10P
   Silicon Switching Diode
Dec-04-2003
logo
SeCoS Halbleitertechnol...
BAS16S SECOS-BAS16S Datasheet
189Kb / 2P
   Surface Mount Switching Diode
logo
Infineon Technologies A...
BAS16S INFINEON-BAS16S Datasheet
1,015Kb / 21P
   Silicon Switching Diode
2009-09-28
logo
Cystech Electonics Corp...
BAS16S3 CYSTEKEC-BAS16S3 Datasheet
163Kb / 4P
   High -Speed switching diode
logo
Fairchild Semiconductor
BAS16SL FAIRCHILD-BAS16SL Datasheet
230Kb / 4P
   Small Signal Diodes
More results

Similar Description - BAS16S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV99S SIEMENS-BAV99S Datasheet
42Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Connected in series Internal galvanic isolated Diodes in one package)
BAS28W SIEMENS-BAS28W Datasheet
37Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Electrical insulated diodes)
BAV99W SIEMENS-BAV99W Datasheet
71Kb / 4P
   Silicon Switching Diode Array (Connected in series For high speed switching applications)
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAW100 SIEMENS-BAW100 Datasheet
101Kb / 4P
   Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
BAW56S SIEMENS-BAW56S Datasheet
43Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
   Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
   Silicon Switching Diode Array (For high speed switching applications Common anode)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com