Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT14-03W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT14-03W
Description  Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-03W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT14-03W Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-03W Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-03W Datasheet HTML 3Page - Siemens Semiconductor Group BAT14-03W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Mar-01-1996
BAT 14-03W
Silicon Schottky Diode
• DBS mixer application to 12GHz
• Medium barrier type
• Low capacitance
ESD: ElectroStatic Discharge sensitive device, observe handling precautions!
Type
Marking Ordering Code
Pin Configuration
Package
BAT 14-03W O/white
Q62702-A1103
1 = A
2 = C
SOD-323
Maximum Ratings
Parameter
Symbol
Values
Unit
Diode reverse voltage
VR
4
V
Forward current
IF
90
mA
Operating temperature range
Top
- 55 ... + 125 °C
Storage temperature
Tstg
- 55 ... + 150
Total power dissipation
TS ≤ 85°C
Ptot
100
mW
Thermal Resistance
Junction ambient
1)
RthJA
≤ 450
K/W
Junction - soldering point
RthJS
≤ 690
1) Package mounted on epoxy pcb 40mm x 40mmm x 1.5mm / 0.5cm2 Cu


Similar Part No. - BAT14-03W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT14-03W INFINEON-BAT14-03W Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
logo
Guangdong Kexin Industr...
BAT14-03W KEXIN-BAT14-03W Datasheet
34Kb / 1P
   Silicon Schottky Diode
More results

Similar Description - BAT14-03W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-098 SIEMENS-BAT14-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT14-099 SIEMENS-BAT14-099 Datasheet
79Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Medium barrier type)
BAT15-098 SIEMENS-BAT15-098 Datasheet
88Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 10 GHz Low noise figure Low barrier type)
BAT15-099 SIEMENS-BAT15-099 Datasheet
143Kb / 4P
   Silicon Dual Schottky Diode (DBS mixer application to 12 GHz Low noise figure Low barrier type)
BAT15-03W SIEMENS-BAT15-03W Datasheet
65Kb / 4P
   Silicon Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
BAT15-04 SIEMENS-BAT15-04 Datasheet
67Kb / 3P
   Silicon Dual Schottky Diode (DBS mixer applications to 12 GHz Low noise figure Low barrier type)
logo
Infineon Technologies A...
BAT15-02EL INFINEON-BAT15-02EL Datasheet
1Mb / 16P
   Low barrier type for DBS mixer applications
logo
Advanced Semiconductor
D1504-8M ASI-D1504-8M Datasheet
19Kb / 1P
   SILICON SCHOTTKY BARRIER MIXER DIODE
logo
Tyco Electronics
MA4E1339SERIES MACOM-MA4E1339SERIES Datasheet
118Kb / 4P
   Silicon Medium Barrier Schottky Diode
logo
Renesas Technology Corp
HSC276A RENESAS-HSC276A Datasheet
141Kb / 5P
   Silicon Schottky Barrier Diode for Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com