Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT14 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT14
Description  HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT14 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14 Datasheet HTML 3Page - Siemens Semiconductor Group BAT14 Datasheet HTML 4Page - Siemens Semiconductor Group BAT14 Datasheet HTML 5Page - Siemens Semiconductor Group BAT14 Datasheet HTML 6Page - Siemens Semiconductor Group BAT14 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BAT 14
Semiconductor Group
2
Draft A03 1998-04-01
1)
Quoted for a single discharge of torry line during the first 2.4 ns current flow in the forward direction. General
criterion for burn-out energy is a 3 dB increase in noise figure.
Table 1
Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Reverse voltage
V
R
3V
Forward current
BAT14-013, -014, -033, -034
BAT14-043, -044, -063, -064
BAT14-073, -074, -093, -094
BAT14-103, -104, -113, -114
BAT14-123, -124
I
F
100
100
50
50
50
mA
Power dissipation
BAT14-013, -014, -033, -034
BAT14-043, -044, -063, -064
BAT14-073, -074, -093, -094
BAT14-103, -104, -113, -114
BAT14-123, -124
P
tot
100
100
50
50
50
mW
Operating temperature range
T
op
- 55 to + 150
°C
Storage temperature range
T
stg
- 65 to + 175
°C
Soldering temperature
T
sol
+ 220
°C
Burn-out energy
1)
BAT14-013, -014, -033, -034
BAT14-043, -044, -063, -064
BAT14-073, -074, -093, -094
BAT14-103, -104, -113, -114
BAT14-123, -124
E
B
5.0
5.0
2.0
2.0
1.0
Erg


Similar Part No. - BAT14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
logo
Siemens Semiconductor G...
BAT14-014 SIEMENS-BAT14-014 Datasheet
47Kb / 3P
   Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
BAT14-020D SIEMENS-BAT14-020D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-020S SIEMENS-BAT14-020S Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT14-03 SIEMENS-BAT14-03 Datasheet
36Kb / 4P
   Silicon Schottky Diode (DBS mixer application to 12GHz Medium barrier type Low capacitance)
More results

Similar Description - BAT14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAS70 SIEMENS-BAS70 Datasheet
97Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com