Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD330PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBRD330PBF
Description  Schottky Rectifier, 3.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBRD330PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  MBRD330PBF Datasheet HTML 1Page - Vishay Siliconix MBRD330PBF Datasheet HTML 2Page - Vishay Siliconix MBRD330PBF Datasheet HTML 3Page - Vishay Siliconix MBRD330PBF Datasheet HTML 4Page - Vishay Siliconix MBRD330PBF Datasheet HTML 5Page - Vishay Siliconix MBRD330PBF Datasheet HTML 6Page - Vishay Siliconix MBRD330PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94313
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 14-Jan-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Schottky Rectifier, 3.0 A
VS-MBRD320PbF, VS-MBRD330PbF, VS-MBRD340PbF
Vishay Semiconductors
FEATURES
• Popular D-PAK outline
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Compliant to RoHS Directive 2002/95/EC
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
DESCRIPTION
The VS-MBRD320PbF, VS-MBRD330PbF, VS-MBRD340PbF
surface mount Schottky rectifier has been designed for
applications requiring low forward drop and small foot prints
on PC boards. Typical applications are in disk drives,
switching power supplies, converters, freewheeling diodes,
battery charging, and reverse battery protection.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
3.0 A
VR
20 V, 30 V, 40 V
VF at IF
0.49 V
IRM
20 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
8 mJ
Anode
1
3
Base
cathode
Anode
4, 2
D-PAK (TO-252AA)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.0
A
VRRM
20 to 40
V
IFSM
tp = 5 μs sine
490
A
VF
3 Apk, TJ = 125 °C
0.49
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBRD320PbF
VS-MBRD330PbF
VS-MBRD340PbF
UNITS
Maximum DC reverse voltage
VR
20
30
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
50 % duty cycle at TL = 133 °C, rectangular waveform
3.0
A
Maximum peak one cycle
non-repetitive surge current
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
490
10 ms sine or 6 ms rect. pulse
75
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 16 mH
8.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - MBRD330PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRD330PBF VISHAY-MBRD330PBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
More results

Similar Description - MBRD330PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30BQ015PBF VISHAY-30BQ015PBF_11 Datasheet
118Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
1N5820 VISHAY-1N5820_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ060TRPBF VISHAY-VS-30BQ060TRPBF Datasheet
120Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ060PBF VISHAY-30BQ060PBF_10 Datasheet
121Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
30BQ015PBF VISHAY-30BQ015PBF Datasheet
102Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 14-Aug-08
MBRD320 VISHAY-MBRD320 Datasheet
104Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 06-Jun-08
MBRS340TRPBF VISHAY-MBRS340TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 09-Oct-08
VS-1N5820 VISHAY-VS-1N5820 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.0 A
Revision: 11-Oct-11
VS-30BQ015PBF VISHAY-VS-30BQ015PBF Datasheet
117Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 23-Feb-11
VS-30BQ040TRPBF VISHAY-VS-30BQ040TRPBF Datasheet
113Kb / 7P
   Schottky Rectifier, 3.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com