Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT14-090S Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT14-090S
Description  Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-090S Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT14-090S Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-090S Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semiconductor Group
1
BAT 14- … S
BAT 14- ...S
Silicon Schottky Diodes
BAT 14- … S
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BAT 14-020 S
Q62702-D1258
–S
BAT 14-050 S
Q62702-D1267
BAT 14-090 S
Q62702-D1275
BAT 14-110 S
Q62702-D1284
Pointed cathode
Parameter
Symbol
Unit
Reverse voltage
VR
4V
Junction temperature
Tj
175
˚C
Tstg
– 65 … + 150
Forward current
IF
100
mA
Storage temperature range
Operating temperature range
Top
– 65 … + 150
Values
4
50
BAT 14-020 S
BAT 14-050 S
BAT 14-090 S
BAT 14-110 S
1)
For detailed information see chapter Package Outlines.
q
Beam lead technology
q
Low dimension
q
High performance
q
Medium barrier


Similar Part No. - BAT14-090S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-090D SIEMENS-BAT14-090D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
More results

Similar Description - BAT14-090S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-D SIEMENS-BAT14-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Medium barrier)
BAT15-D SIEMENS-BAT15-D Datasheet
16Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-S SIEMENS-BAT15-S Datasheet
14Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
BAT15-R SIEMENS-BAT15-R Datasheet
17Kb / 2P
   Silicon Schottky Diodes (Beam lead technology Low dimension High performance Low barrier)
logo
Tyco Electronics
MA4E2037 MACOM-MA4E2037 Datasheet
42Kb / 3P
   GaAs Beam Lead Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSCH-9101 HP-HSCH-9101 Datasheet
66Kb / 4P
   GaAs Beam Lead Schottky Barrier Diodes
logo
List of Unclassifed Man...
DMF5080-000 ETC-DMF5080-000 Datasheet
378Kb / 8P
   Silicon Beam-Lead and Chip Schottky Barrier Mixer Diodes
logo
Tyco Electronics
MA4E2502 MACOM-MA4E2502 Datasheet
269Kb / 4P
   SURMOUNTTM Low, Medium and High Barrier Silicon Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E2502 MA-COM-MA4E2502 Datasheet
115Kb / 5P
   SURMOUNTTM Low, Medium, and High Barrier Silicon Schottky Diodes
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com