Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT14-104 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT14-104
Description  Silicon Schottky Diodes (Medium barrier diodes for detector and mixer applications Hermetical ceramic package)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT14-104 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT14-104 Datasheet HTML 1Page - Siemens Semiconductor Group BAT14-104 Datasheet HTML 2Page - Siemens Semiconductor Group BAT14-104 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Schottky Diodes
BAT 14- … 4
q
Medium barrier diodes for detector and mixer
applications
q
Hermetical ceramic package
q
For frequencies up to 40 GHz
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Maximum Ratings
Type
Ordering Code
Package1)
Pin Configuration
BAT 14-014
BAT 14-034
Q62702-D1005
Q62702-D1019
T1
Frequency
band (GHz)
… 4 (S)
BAT 14-044
BAT 14-064
Q62702-D1026
Q62702-D1036
… 8 (C)
BAT 14-074
BAT 14-094
Q62702-D1041
Q62702-D1051
… 12 (X)
BAT 14-104
BAT 14-114
Q62702-D1056
Q62702-D1061
… 18 (Ku)
BAT 14-124
Q62702-D1066
… 40 (Ka)
Cathode: black dot,
heat sink
Parameter
Symbol
Values
Unit
Reverse voltage
VR
3V
Junction temperature
Tj
175
˚C
Storage temperature range
Tstg
– 65 … + 150
Forward current BAT 14-014 … BAT 14-064
BAT 14-074 … BAT 74-124
IF
100
50
mA
Operating temperature range
Top
– 65 … + 150
1)
For detailed information see chapter Package Outlines.


Similar Part No. - BAT14-104

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT14-104 SIEMENS-BAT14-104 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
More results

Similar Description - BAT14-104

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT15 SIEMENS-BAT15 Datasheet
134Kb / 8P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
BAT14 SIEMENS-BAT14 Datasheet
125Kb / 7P
   HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor Medium barrier diodes for detector and mixer applications)
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
SMS1546 SKYWORKS-SMS1546 Datasheet
143Kb / 5P
   Surface Mount Mixer and Detector Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339 MA-COM-MA4E1339 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1338 MA-COM-MA4E1338 Datasheet
126Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MA-COM-MA4E1340_16 Datasheet
691Kb / 6P
   Silicon Medium Barrier Schottky Diodes
logo
Tyco Electronics
MA4E1338 MACOM-MA4E1338 Datasheet
123Kb / 7P
   Silicon Medium Barrier Schottky Diodes
MA4E1340 MACOM-MA4E1340 Datasheet
142Kb / 7P
   Silicon Medium Barrier Schottky Diodes
logo
M/A-COM Technology Solu...
MA4E1339_V9 MA-COM-MA4E1339_V9 Datasheet
115Kb / 7P
   Silicon Medium Barrier Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com