Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P401
Description  Passivated Assembled Circuit Elements, 40 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P401 Datasheet(HTML) 3 Page - Vishay Siliconix

  P401 Datasheet HTML 1Page - Vishay Siliconix P401 Datasheet HTML 2Page - Vishay Siliconix P401 Datasheet HTML 3Page - Vishay Siliconix P401 Datasheet HTML 4Page - Vishay Siliconix P401 Datasheet HTML 5Page - Vishay Siliconix P401 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 93755
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 05-Nov-09
3
P400 Series
Passivated Assembled
Circuit Elements, 40 A
Vishay High Power Products
Note
(1) A mounting compund is recommended and the torque should be checked after a period of 3 hours to allow for the spread of the compound
Note
(1) To complete code refer to Voltage Ratings table, i.e.: For 600 V P40.W complete code is P402W
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8
W
Maximum average gate power
PG(AV)
2
Maximum peak gate current
IGM
2A
Maximum peak negative gate voltage
-VGM
10
V
Maximum gate voltage required to trigger
VGT
TJ = - 40 °C
Anode supply =
6 V resistive load
3
V
TJ = 25 °C
2
TJ = 125 °C
1
Maximum gate current required to trigger
IGT
TJ = - 40 °C
90
mA
TJ = 25 °C
60
TJ = 125 °C
35
Maximum gate voltage that will not trigger
VGD
TJ = 125 °C, rated VDRM applied
0.2
V
Maximum gate current that will not trigger
IGD
2mA
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
and storage temperature range
TJ, TStg
- 40 to 125
°C
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
1.05
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.10
Mounting torque, base to heatsink (1)
4Nm
Approximate weight
58
g
2.0
oz.
CIRCUIT TYPE AND CODING (1)
CIRCUIT “0”
CIRCUIT “2”
CIRCUIT “3”
Terminal positions
Schematic diagram
Single phase hybrid bridge
common cathode
Single phase hybrid bridge doubler
Single phase all SCR bridge
Basic series
P40.
P42.
P43.
With voltage suppression
P40.K
P42.K
P43.K
With freewheeling diode
P40.W
-
-
With both voltage suppression
and freewheeling diode
P40.KW
-
-
AC1 G1-
AC2 G2+
AC1 G1-
AC2 G2+
AC2 G2-
AC1 G3
G1 G4
+
G1
AC2
AC1
G2
(-)
(+)
G2
G1
AC1
AC2
(-)
(+)
G1
G3
AC2
AC1
(-)
(+)
G2
G4


Similar Part No. - P401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P401 IRF-P401 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
P4010A ETC1-P4010A Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
P4010B ETC1-P4010B Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
P4010C ETC1-P4010C Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
More results

Similar Description - P401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
P100 VISHAY-P100 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P101KW IRF-P101KW Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P100 IRF-P100 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com