Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT17-07 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT17-07
Description  Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT17-07 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT17-07 Datasheet HTML 1Page - Siemens Semiconductor Group BAT17-07 Datasheet HTML 2Page - Siemens Semiconductor Group BAT17-07 Datasheet HTML 3Page - Siemens Semiconductor Group BAT17-07 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
10.94
Type
Ordering Code
Pin Configuration
Marking
Package
(tape and reel)
1
2
3
4
BAT 17-07
Q62702-A918
C1
C2
A2
A1
57
SOT-143
Maximum Ratings
Parameter
Symbol
Values
Unit
Reverse voltage
V
R
4V
Forward current
I
F
130
mA
Total power dissipation
T
S ≤ 60 °C
P
tot
150
mW
Junction temperature
T
j
150
°C
Operating temperature range
T
op
–55…+150
°C
Storage temperature range
T
stg
– 55 … + 150
°C
Thermal Resistance
Junction-ambient1)
R
th JA
≤ 750
K/W
Junction-soldering point
R
th JS
≤ 590
K/W
1) Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu.
Silicon Schottky Diode
BAT 17-07
q
For mixer applications in the VHF/UHF range
q
For high-speed switching


Similar Part No. - BAT17-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT17-07 INFINEON-BAT17-07 Datasheet
450Kb / 5P
   Silicon Schottky Diode
Feb-03-2003
BAT17-07 INFINEON-BAT17-07 Datasheet
104Kb / 9P
   Silicon Schottky Diode
2007-04-19
BAT17-07 INFINEON-BAT17-07 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
BAT17-07 INFINEON-BAT17-07 Datasheet
861Kb / 9P
   Silicon Schottky Diode
2011-06-15
BAT17-07 INFINEON-BAT17-07 Datasheet
861Kb / 9P
   Silicon Schottky Diode
2011-06-15
More results

Similar Description - BAT17-07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT68W SIEMENS-BAT68W Datasheet
84Kb / 4P
   Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
logo
Siemens Semiconductor G...
BAS16W SIEMENS-BAS16W Datasheet
67Kb / 4P
   Silicon Switching Diode (For high speed switching applications)
logo
Guangdong Kexin Industr...
1SV266 KEXIN-1SV266 Datasheet
36Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV263 SANYO-1SV263_12 Datasheet
415Kb / 6P
   Pin Diode for VHF, UHF, AGC Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com