Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD101A
Description  Small Signal Schottky Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101A Datasheet(HTML) 1 Page - Vishay Siliconix

  SD101A Datasheet HTML 1Page - Vishay Siliconix SD101A Datasheet HTML 2Page - Vishay Siliconix SD101A Datasheet HTML 3Page - Vishay Siliconix SD101A Datasheet HTML 4Page - Vishay Siliconix SD101A Datasheet HTML 5Page - Vishay Siliconix SD101A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD101A, SD101B, SD101C
Document Number 85629
Rev. 1.6, 23-Jul-10
Vishay Semiconductors
www.vishay.com
1
94 9367
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes
Features
• Integrated protection ring against static
discharge
• Low capacitance
• Low leakage current
• Low forward voltage drop
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
• Halogen-free
according
to
IEC
61249-2-21
definition
Applications
• HF-Detector
• Protection circuit
• Diode for low currents with a low supply voltage
• Small battery charger
• Power supplies
• DC/DC converter for notebooks
Mechanical Data
Case: DO-35
Weight: approx. 125 mg
Cathode band color: black
Packaging codes/options:
TR/10 k per 13" reel (52 mm tape), 50 k/box
TAP/10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature.
Part
Type differentiation
Ordering code
Type Marking
Remarks
SD101A
VR = 60 V, VF max. 410 mV at IF = 1 mA SD101A-TR or SD101A-TAP
SD101A
Tape and Reel/Ammopack
SD101B
VR = 50 V, VF max. 400 mV at IF = 1 mA SD101B-TR or SD101B-TAP
SD101B
Tape and Reel/Ammopack
SD101C
VR = 40 V, VF max. 390 mV at IF = 1 mA SD101C-TR or SD101C-TAP
SD101C
Tape and Reel/Ammopack
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage
SD101A
VR
60
V
SD101B
VR
50
V
SD101C
VR
40
V
Forward continuous current
IF
30
mA
Peak forward surge current
tp = 10 µs
IFSM
2A
Repetitive peak forward current
IFRM
150
mA
Power dissipation
Ptot
3101)
mW


Similar Part No. - SD101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD101A SEMTECH-SD101A Datasheet
179Kb / 3P
   Silicon Schottky Barrier Diodes for general purpose applications
logo
SEMTECH ELECTRONICS LTD...
SD101A SEMTECH_ELEC-SD101A Datasheet
123Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
logo
Diodes Incorporated
SD101A DIODES-SD101A Datasheet
57Kb / 2P
   SCHOTTKY BARRIER DIODE
DS11008 Rev. I-2
logo
Shanghai Lunsure Electr...
SD101A CHENYI-SD101A Datasheet
74Kb / 2P
   small single schottky diodes
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
More results

Similar Description - SD101A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com