Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD103CW-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SD103CW-V
Description  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103CW-V Datasheet(HTML) 1 Page - Vishay Siliconix

  SD103CW-V Datasheet HTML 1Page - Vishay Siliconix SD103CW-V Datasheet HTML 2Page - Vishay Siliconix SD103CW-V Datasheet HTML 3Page - Vishay Siliconix SD103CW-V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SD103AW-V, SD103BW-V, SD103CW-V
Document Number 85681
Rev. 1.4, 05-Aug-10
Vishay Semiconductors
www.vishay.com
1
17431
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diodes
Features
• The low forward voltage drop and fast
switching make it ideal for protection of
MOS devices, steering, biasing, and
coupling diodes for fast switching and
low logic level applications.
• Other applications are click suppression,
efficient full wave bridges in telephone
subsets,
and
blocking
diodes
in
rechargeable low voltage battery systems.
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN junction
guard ring.
• This diode is also available in the MiniMELF case
with the type designations LL103A to LL103C,
DO-35 case with the type designations SD103A to
SD103C
and
SOD-323
case
with
type
designations SD103AWS-V to SD103CWS-V.
• For general purpose applications
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical Data
Case: SOD-123
Weight: approx. 10.3 mg
Packaging codes/options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Note
1) Valid provided that electrodes are kept at ambient temperature
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note
1) Valid provided that electrodes are kept at ambient temperature
Part
Ordering code
Type marking
Remarks
SD103AW-V
SD103AW-V-GS18 or SD103AW-V-GS08
S6
Tape and reel
SD103BW-V
SD103BW-V-GS18 or SD103BW-V-GS08
S7
Tape and reel
SD103CW-V
SD103CW-V-GS18 or SD103CW-V-GS08
S8
Tape and reel
Parameter
Test condition
Part
Symbol
Value
Unit
Peak reverse voltage
SD103AW-V
VRRM
40
V
SD103BW-V
VRRM
30
V
SD103CW-V
VRRM
20
V
Power dissipation
(Infinite heat sink)
Ptot
400 1)
mW
Single cycle surge
10 µs square wave
IFSM
2A
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
300 1)
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 55 to + 150
°C


Similar Part No. - SD103CW-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD103CW-V VISHAY-SD103CW-V Datasheet
129Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 18-Sep-06
SD103CW-V-GS08 VISHAY-SD103CW-V-GS08 Datasheet
129Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 18-Sep-06
SD103CW-V-GS18 VISHAY-SD103CW-V-GS18 Datasheet
129Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 18-Sep-06
More results

Similar Description - SD103CW-V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com