Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT240A Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAT240A
Description  Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT240A Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAT240A Datasheet HTML 1Page - Siemens Semiconductor Group BAT240A Datasheet HTML 2Page - Siemens Semiconductor Group BAT240A Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT 240A
Semiconductor Group
Sep-09-1998
1
Silicon Schottky Diode
Preliminary data
• Rectifier Schottky diode for modem applications
• High reverse voltage
• For power supply
• For clamping and protection in all
high voltage applications
1
2
3
VPS05161
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BAT 240A
4Ms
Q62702-A1234
1=C1/A2 2 = C2
SOT-23
3 = A1
Maximum Ratings
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
240
V
Peak reverse voltage
VRM
V
250
Forward current
IF
400
mA
Surge forward current (t
≤ 10ms)
IFSM
1
A
Total power dissipation,
TS = 28 °C
Ptot
400
mW
Junction temperature
Tj
80
°C
Storage temperature
Tstg
- 55 ...+150
Maximum Ratings
Junction - ambient
1)
RthJA
≤ 465
K/W
Junction - soldering point
RthJS
≤ 305
1) Package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu
Semiconductor Group
1
1998-11-01


Similar Part No. - BAT240A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT240A INFINEON-BAT240A Datasheet
37Kb / 4P
   Silicon Schottky Diode
Jul-06-2001
BAT240A INFINEON-BAT240A Datasheet
137Kb / 7P
   High Voltage Schottky Diode
2007-10-04
More results

Similar Description - BAT240A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
BAT60A SIEMENS-BAT60A Datasheet
24Kb / 3P
   Silicon Schottky Diode (Rectifier Schottky diode with extreme low VF drop for mobile communication For power supply
BAT65 SIEMENS-BAT65 Datasheet
149Kb / 4P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
BAT66-05 SIEMENS-BAT66-05 Datasheet
66Kb / 3P
   Silicon Schottky Diode (Low-power Schottky rectifier diode)
logo
Shanghai Leiditech Elec...
S-FR3A LEIDITECH-S-FR3A Datasheet
1Mb / 3P
   Schottky diode for automotive applications
S-M1 LEIDITECH-S-M1 Datasheet
1Mb / 3P
   Schottky diode for automotive applications
S-SS32B LEIDITECH-S-SS32B Datasheet
1Mb / 3P
   Schottky diode for automotive applications
S-SS52C LEIDITECH-S-SS52C Datasheet
1Mb / 3P
   Schottky diode for automotive applications
S-FS3A LEIDITECH-S-FS3A Datasheet
1Mb / 3P
   Schottky diode for automotive applications
S-SS22B LEIDITECH-S-SS22B Datasheet
540Kb / 3P
   Schottky diode for automotive applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com