Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # 71M6541D
Description  Energy Meter ICs
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button 71M6541D Datasheet HTML 2Page - Maxim Integrated Products 71M6541D Datasheet HTML 3Page - Maxim Integrated Products 71M6541D Datasheet HTML 4Page - Maxim Integrated Products 71M6541D Datasheet HTML 5Page - Maxim Integrated Products 71M6541D Datasheet HTML 6Page - Maxim Integrated Products 71M6541D Datasheet HTML 7Page - Maxim Integrated Products 71M6541D Datasheet HTML 8Page - Maxim Integrated Products 71M6541D Datasheet HTML 9Page - Maxim Integrated Products 71M6541D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 166 page
background image
71M6541D/F/G and 71M6542F/G Data Sheet
6
Rev 2
Tables
Table 1. Required CE Code and Settings for Local Sensors................................................................... 15
Table 2. Required CE Code and Settings for 71M6x01 isolated Sensor ................................................. 16
Table 3: ADC Input Configuration ......................................................................................................... 17
Table 4: Multiplexer and ADC Configuration Bits................................................................................... 19
Table 5. RCMD[4:0] Bits ........................................................................................................................ 22
Table 6: Remote Interface Read Commands ........................................................................................ 23
Table 7: I/O RAM Control Bits for Isolated Sensor................................................................................. 23
Table 8: Inputs Selected in Multiplexer Cycles ....................................................................................... 25
Table 9: CKMPU Clock Frequencies...................................................................................................... 31
Table 10: Memory Map.......................................................................................................................... 32
Table 11: Internal Data Memory Map ..................................................................................................... 33
Table 12: Special Function Register Map............................................................................................... 33
Table 13: Generic 80515 SFRs - Location and Reset Values ................................................................. 34
Table 14: PSW Bit Functions (SFR 0xD0)................................................................................................. 35
Table 15: Port Registers (SEGDIO0-15) ................................................................................................ 36
Table 16: Stretch Memory Cycle Width .................................................................................................. 36
Table 17: Baud Rate Generation............................................................................................................ 37
Table 18: UART Modes ......................................................................................................................... 37
Table 19: The S0CON (UART0) Register (SFR 0x98) ............................................................................. 38
Table 20: The S1CON (UART1) Register (SFR 0x9B)............................................................................. 38
Table 21: PCON Register Bit Description (SFR 0x87) ............................................................................ 39
Table 22: Timers/Counters Mode Description ........................................................................................ 39
Table 23: Allowed Timer/Counter Mode Combinations........................................................................... 39
Table 24: TMOD Register Bit Description (SFR 0x89) ............................................................................ 40
Table 25: The TCON Register Bit Functions (SFR 0x88) ........................................................................ 40
Table 26: The IEN0 Bit Functions (SFR 0xA8)........................................................................................ 41
Table 27: The IEN1 Bit Functions (SFR 0xB8)........................................................................................ 41
Table 28: The IEN2 Bit Functions (SFR 0x9A)........................................................................................ 42
Table 29: TCON Bit Functions (SFR 0x88) ............................................................................................. 42
Table 30: The T2CON Bit Functions (SFR 0xC8) ................................................................................... 42
Table 31: The IRCON Bit Functions (SFR 0xC0) .................................................................................... 42
Table 32: External MPU Interrupts ......................................................................................................... 44
Table 33: Interrupt Enable and Flag Bits ............................................................................................... 44
Table 34: Interrupt Priority Level Groups................................................................................................ 45
Table 35: Interrupt Priority Levels .......................................................................................................... 45
Table 36: Interrupt Priority Registers (IP0 and IP1)................................................................................. 45
Table 37: Interrupt Polling Sequence ..................................................................................................... 46
Table 38: Interrupt Vectors .................................................................................................................... 46
Table 39: Flash Memory Access ............................................................................................................ 48
Table 40: Flash Security ........................................................................................................................ 49
Table 41: Clock System Summary ......................................................................................................... 51
Table 42: RTC Control Registers ........................................................................................................... 52
Table 43: I/O RAM Registers for RTC Temperature Compensation........................................................ 53
Table 44: NV RAM Temperature Table Structure ................................................................................... 54
Table 45: I/O RAM Registers for RTC Interrupts .................................................................................... 55
Table 46: I/O RAM Registers for Temperature and Battery Measurement .............................................. 56
Table 47: Selectable Resources using the DIO_Rn[2:0] Bits................................................................... 59
Table 48: Data/Direction Registers for SEGDIO0 to SEGDIO14 (71M6541D/F/G).................................. 61
Table 49: Data/Direction Registers for SEGDIO19 to SEGDIO27 (71M6541D/F/G)................................ 62
Table 50: Data/Direction Registers for SEGDIO36-39 to SEGDIO44-45 (71M6541D/F/G) ...................... 62
Table 51: Data/Direction Registers for SEGDIO51 and SEGDIO55 (71M6541D/F/G)............................. 62
Table 52: Data/Direction Registers for SEGDIO0 to SEGDIO15 (71M6542F/G) ..................................... 63


Similar Part No. - 71M6541D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D Datasheet
2Mb / 165P
   0.1% Accuracy Over 2000:1 Current Range Energy Meter ICs
Rev 2; 11/11
71M6541D MAXIM-71M6541D Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541D/F/G MAXIM-71M6541D/F/G Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6541DT-IGT/F MAXIM-71M6541DT-IGT/F Datasheet
1Mb / 78P
   Energy Meter ICs
2015
More results

Similar Description - 71M6541D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com