Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6541G Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 71M6541G
Description  Energy Meter ICs
Download  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6541G Datasheet(HTML) 1 Page - Maxim Integrated Products

  71M6541G Datasheet HTML 1Page - Maxim Integrated Products 71M6541G Datasheet HTML 2Page - Maxim Integrated Products 71M6541G Datasheet HTML 3Page - Maxim Integrated Products 71M6541G Datasheet HTML 4Page - Maxim Integrated Products 71M6541G Datasheet HTML 5Page - Maxim Integrated Products 71M6541G Datasheet HTML 6Page - Maxim Integrated Products 71M6541G Datasheet HTML 7Page - Maxim Integrated Products 71M6541G Datasheet HTML 8Page - Maxim Integrated Products 71M6541G Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 166 page
background image
71M6541D/F/G and 71M6542F/G
Energy Meter ICs
DATA SHEET
Rev 2
1
GENERAL DESCRIPTION
The 71M6541D/71M6541F/71M6541G/71M6542F/71M6542G are
Teridian™ 4th-generation single-phase metering SoCs with a 5MHz
8051-compatible MPU core, low-power RTC with digital temperature
compensation, flash memory, and LCD driver. Our Single Converter
Technology® with a 22-bit delta-sigma ADC, three or four analog
inputs, digital temperature compensation, precision voltage reference,
and a 32-bit computation engine (CE) supports a wide range of
metering applications with very few external components.
The 71M6541/2 devices support optional interfaces to the Teridian
71M6x01 series of isolated sensors, which offer BOM cost reduction,
immunity to magnetic tamper, and enhanced reliability. Other
features include an SPI interface, advanced power management,
ultra-low-power operation in active and battery modes, 3/5KB shared
RAM and 32/64/128KB of flash memory that can be programmed in
the field with code and/or data during meter operation and the ability
to drive up to six LCD segments per SEG driver pin. High
processing and sampling rates combined with differential inputs offer
a powerful metering platform for residential meters.
A complete array of code development tools, demonstration code,
and reference designs enable rapid development and certification of
meters that meet all ANSI and IEC electricity metering standards
worldwide.
MPU
RTC
TIMERS
IAP
VA
IBP
XIN
XOUT
RX
TX
TX
RX
COM0...5
V3P3A V3P3SYS
VBAT
VBAT_RTC
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
LINE
NEUTRAL
LOAD
8888.8888
PULSES,
DIO
IR
AMR
POWER FAULT
COMPARATOR
MODUL-
ATOR
SERIAL PORTS
OSCILLATOR/
PLL
MUX and ADC
LCD DRIVER
DIO, PULSES
COMPUTE
ENGINE
FLASH
MEMORY
RAM
32 kHz
REGULATOR
Shunt
POWER SUPPLY
TERIDIAN
71M6541D/F
TEMPERATURE
SENSOR
VREF
BATTERY
PWR MODE
CONTROL
WAKE-UP
NEUTRAL
I
2C or µWire
EEPROM
IAN
IBN
RTC
BATTERY
V3P3D
BATTERY
MONITOR
SPI INTERFACE
HOST
LCD DISPLAY
Pulse
Trans-
former
TERIDIAN
71M6xx1
Shunt
LINE
Note:
This system is referenced to LINE
11/5/2010
FEATURES
• 0.1% Accuracy Over 2000:1 Current Range
• Exceeds IEC 62053/ANSI C12.20 Standards
• Two Current Sensor Inputs with Selectable
Differential Mode
• Selectable Gain of 1 or 8 for One Current Input to
Support Shunts
• High-Speed Wh/VARh Pulse Outputs with
Programmable Width
• 32KB Flash, 3KB RAM (71M6541D)
• 64KB Flash, 5KB RAM (71M6541F/42F)
• 128KB Flash, 5KB RAM (71M6541G/42G)
• Up to Four Pulse Outputs with Pulse Count
• Four-Quadrant Metering
• Digital Temperature Compensation:
-
Metrology Compensation
-
Accurate RTC for TOU Functions with
Automatic Temperature Compensation for
Crystal in All Power Modes
• Independent 32-Bit Compute Engine
• 46-64Hz Line Frequency Range with the Same
Calibration
• Phase Compensation (±10°)
• Three Battery-Backup Modes:
-
Brownout Mode (BRN)
-
LCD Mode (LCD)
-
Sleep Mode (SLP)
• Wake-Up on Pin Events and Wake-On Timer
• 1µA in Sleep Mode
• Flash Security
• In-System Program Update
• 8-Bit MPU (80515), Up to 5 MIPS
• Full-Speed MPU Clock in Brownout Mode
• LCD Driver:
- Up to 6 Commons/Up to 56 Pins
• 5V LCD Driver with DAC
• Up to 51 Multifunction DIO Pins
• Hardware Watchdog Timer (WDT)
• I2C/MICROWIRE® EEPROM Interface
• SPI Interface with Flash Program Capability
• Two UARTs for IR and AMR
• IR LED Driver with Modulation
• Industrial Temperature Range
• 64-Pin (71M6541D/F/G) and 100-pin
(71M6542F/G) Lead(Pb)-Free LQFP Package
19-5376; Rev 2; 11/11
Teridian is a trademark and Single Converter Technology is a registered trademark of
Maxim Integrated Products, Inc.
MICROWIRE is a registered trademark of National Semiconductor Corp.


Similar Part No. - 71M6541G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541G MAXIM-71M6541G Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6541GT MAXIM-71M6541GT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6541GT-IGT/F MAXIM-71M6541GT-IGT/F Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6541GT-IGTR/F MAXIM-71M6541GT-IGTR/F Datasheet
1Mb / 78P
   Energy Meter ICs
2015
More results

Similar Description - 71M6541G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6541D MAXIM-71M6541D_V01 Datasheet
2Mb / 166P
   Energy Meter ICs
2015
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
71M6543FT MAXIM-71M6543FT Datasheet
2Mb / 75P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6541DT MAXIM-71M6541DT Datasheet
1Mb / 78P
   Energy Meter ICs
2015
71M6521DE MAXIM-71M6521DE_V01 Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6545T MAXIM-71M6545T Datasheet
1Mb / 66P
   Energy Meter ICs
2015
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com