Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1058X Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1058X
Description  N-Channel 20 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1058X Datasheet(HTML) 7 Page - Vishay Siliconix

  SI1058X Datasheet HTML 1Page - Vishay Siliconix SI1058X Datasheet HTML 2Page - Vishay Siliconix SI1058X Datasheet HTML 3Page - Vishay Siliconix SI1058X Datasheet HTML 4Page - Vishay Siliconix SI1058X Datasheet HTML 5Page - Vishay Siliconix SI1058X Datasheet HTML 6Page - Vishay Siliconix SI1058X Datasheet HTML 7Page - Vishay Siliconix SI1058X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Note 826
Vishay Siliconix
Document Number: 72605
www.vishay.com
Revision: 21-Jan-08
21
RECOMMENDED MINIMUM PADS FOR SC-89: 6-Lead
0.051
(1.300)
0.012
(0.300)
0.051
(0.201)
0.020
(0.500)
Recommended Minimum Pads
Dimensions in Inches/(mm)
Return to Index
Return to Index


Similar Part No. - SI1058X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1058X VISHAY-SI1058X Datasheet
232Kb / 3P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 01-Jan-07
SI1058X VISHAY-SI1058X Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-E3 VISHAY-SI1058X-T1-E3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X-T1-GE3 VISHAY-SI1058X-T1-GE3 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
SI1058X VISHAY-SI1058X_08 Datasheet
97Kb / 6P
   N-Channel 20-V (D-S) MOSFET
S-81528-Rev. C, 30-Jun-08
More results

Similar Description - SI1058X

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com