Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1539CDL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI1539CDL
Description  N- and P-Channel 30 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1539CDL Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1539CDL Datasheet HTML 1Page - Vishay Siliconix SI1539CDL Datasheet HTML 2Page - Vishay Siliconix SI1539CDL Datasheet HTML 3Page - Vishay Siliconix SI1539CDL Datasheet HTML 4Page - Vishay Siliconix SI1539CDL Datasheet HTML 5Page - Vishay Siliconix SI1539CDL Datasheet HTML 6Page - Vishay Siliconix SI1539CDL Datasheet HTML 7Page - Vishay Siliconix SI1539CDL Datasheet HTML 8Page - Vishay Siliconix SI1539CDL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number: 67469
S11-0238-Rev. A, 14-Feb-11
Vishay Siliconix
Si1539CDL
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
30
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 30
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
N-Ch
30
mV/°C
ID = - 250 µA
P-Ch
- 18
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
N-Ch
- 3.6
ID = - 250 µA
P-Ch
3.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
1.2
2.5
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1.2
- 2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
N-Ch
± 100
nA
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
N-Ch
1
µA
VDS = - 30 V, VGS = 0 V
P-Ch
- 1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 30 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS =5 V, VGS = 10 V
N-Ch
2
A
VDS = -5 V, VGS = - 10 V
P-Ch
- 1
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 0.6 A
N-Ch
0.323
0.388
VGS = - 10 V, ID = - 0.4 A
P-Ch
0.740
0.890
VGS = 4.5 V, ID = 0.1A
N-Ch
0.437
0.525
VGS = - 4.5 V, ID = - 0.1 A
P-Ch
1.4
1.7
Forward Transconductanceb
gfs
VDS = 15 V, ID = 0.6 A
N-Ch
1.2
S
VDS = - 15 V, ID = - 0.4 A
P-Ch
0.6
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 15 V, VGS = 0 V, f = 1 MHz
N-Ch
28
pF
P-Ch
34
Output Capacitance
Coss
N-Ch
10
P-Ch
12
Reverse Transfer Capacitance
Crss
N-Ch
5
P-Ch
7
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 0.6 A
N-Ch
1
1.5
nC
VDS = - 15 V, VGS = - 10 V, ID = - 0.4 A
P-Ch
1.5
3
N-Channel
VDS = 15 V, VGS = 4.5 V ID = 0.6 A
P-Channel
VDS = - 15 V, VGS = - 4.5 V, ID = - 0.4 A
N-Ch
0.55
1.1
P-Ch
0.8
1.2
Gate-Source Charge
Qgs
N-Ch
0.2
P-Ch
0.4
Gate-Drain Charge
Qgd
N-Ch
0.2
P-Ch
0.35
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.7
3.7
7.4
P-Ch
1.7
8.3
16.6


Similar Part No. - SI1539CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI1539CDL TFUNK-SI1539CDL Datasheet
243Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL VISHAY-SI1539CDL Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI1539CDL-T1-GE3 VBSEMI-SI1539CDL-T1-GE3 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1539CDL-T1-GE3 VISHAY-SI1539CDL-T1-GE3 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI1539CDL VISHAY-SI1539CDL_V01 Datasheet
280Kb / 16P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1539CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com