Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1902CDL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI1902CDL
Description  Dual N-Channel 20 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1902CDL Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SI1902CDL Datasheet HTML 3Page - Vishay Siliconix SI1902CDL Datasheet HTML 4Page - Vishay Siliconix SI1902CDL Datasheet HTML 5Page - Vishay Siliconix SI1902CDL Datasheet HTML 6Page - Vishay Siliconix SI1902CDL Datasheet HTML 7Page - Vishay Siliconix SI1902CDL Datasheet HTML 8Page - Vishay Siliconix SI1902CDL Datasheet HTML 9Page - Vishay Siliconix SI1902CDL Datasheet HTML 10Page - Vishay Siliconix SI1902CDL Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
L
c
E
E1
e
D
e1
A2 A
A1
1
-A-
b
-B-
23
65
4
Package Information
Vishay Siliconix
Document Number: 71154
06-Jul-01
www.vishay.com
1
SC70: 6LEADS
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
0.90
1.10
0.035
0.043
A1
0.10
0.004
A2
0.80
1.00
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.25
0.004
0.010
D
1.80
2.00
2.20
0.071
0.079
0.087
E
1.80
2.10
2.40
0.071
0.083
0.094
E1
1.15
1.25
1.35
0.045
0.049
0.053
e
0.65BSC
0.026BSC
e1
1.20
1.30
1.40
0.047
0.051
0.055
L
0.10
0.20
0.30
0.004
0.008
0.012
7
_Nom
7
_Nom
ECN: S-03946—Rev. B, 09-Jul-01
DWG: 5550


Similar Part No. - SI1902CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
240Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 21-Nov-11
SI1902CDL VISHAY-SI1902CDL Datasheet
141Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1902CDL-T1-GE3 VISHAY-SI1902CDL-T1-GE3 Datasheet
240Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 21-Nov-11
SI1902CDL-T1-GE3 VISHAY-SI1902CDL-T1-GE3 Datasheet
141Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1902CDL VISHAY-SI1902CDL_V01 Datasheet
141Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1902CDL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI1024X VISHAY-SI1024X_08 Datasheet
113Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com