Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3410DV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3410DV
Description  N-Channel 30-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3410DV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3410DV Datasheet HTML 1Page - Vishay Siliconix SI3410DV Datasheet HTML 2Page - Vishay Siliconix SI3410DV Datasheet HTML 3Page - Vishay Siliconix SI3410DV Datasheet HTML 4Page - Vishay Siliconix SI3410DV Datasheet HTML 5Page - Vishay Siliconix SI3410DV Datasheet HTML 6Page - Vishay Siliconix SI3410DV Datasheet HTML 7Page - Vishay Siliconix SI3410DV Datasheet HTML 8Page - Vishay Siliconix SI3410DV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 69254
S09-2110-Rev. B, 12-Oct-09
Vishay Siliconix
Si3410DV
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
33
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.2
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5 A
0.016
0.0195
Ω
VGS = 4.5 V, ID = 4 A
0.019
0.023
Forward Transconductancea
gfs
VDS = 10 V, ID = 5 A
24
S
Dynamicb
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
1295
pF
Output Capacitance
Coss
170
Reverse Transfer Capacitance
Crss
72
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 5 A
21.8
33
nC
VDS = 15 V, VGS = 4.5 V, ID = 5 A
9.2
14
Gate-Source Charge
Qgs
3.8
Gate-Drain Charge
Qgd
2.5
Gate Resistance
Rg
f = 1 MHz
2.4
Ω
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
21
40
ns
Rise Time
tr
14
25
Turn-Off DelayTime
td(off)
20
40
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
10
20
Rise Time
tr
816
Turn-Off DelayTime
td(off)
21
35
Fall Time
tf
816
Drain-Source Body Diode Characteristics
Continous Source-Drain Diode Current
IS
TC = 25 °C
2.7
A
Pulse Diode Forward Current
ISM
30
Body Diode Voltage
VSD
IS = 1.7 A, VGS = 0 V
0.77
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs, TJ = 25 °C
21
40
ns
Body Diode Reverse Recovery Charge
Qrr
15
30
nC
Reverse Recovery Fall Time
ta
13
ns
Reverse Recovery Rise Time
tb
8


Similar Part No. - SI3410DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
Vishay Telefunken
SI3410DV TFUNK-SI3410DV Datasheet
197Kb / 11P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV-T1-E3 VISHAY-SI3410DV-T1-E3 Datasheet
142Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 08-Oct-07
logo
VBsemi Electronics Co.,...
SI3410DV-T1-GE3 VBSEMI-SI3410DV-T1-GE3 Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI3410DV VISHAY-SI3410DV_V01 Datasheet
226Kb / 11P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3410DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com