Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3585CDV Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI3585CDV
Description  N- and P-Channel 20 V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3585CDV Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI3585CDV Datasheet HTML 6Page - Vishay Siliconix SI3585CDV Datasheet HTML 7Page - Vishay Siliconix SI3585CDV Datasheet HTML 8Page - Vishay Siliconix SI3585CDV Datasheet HTML 9Page - Vishay Siliconix SI3585CDV Datasheet HTML 10Page - Vishay Siliconix SI3585CDV Datasheet HTML 11Page - Vishay Siliconix SI3585CDV Datasheet HTML 12Page - Vishay Siliconix SI3585CDV Datasheet HTML 13Page - Vishay Siliconix SI3585CDV Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.vishay.com
10
Document Number: 67470
S11-0613-Rev. A, 04-Apr-11
Vishay Siliconix
Si3585CDV
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Case
0
0.4
0.8
1.2
1.6
025
50
75
100
125
150
T
C - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.2
0.4
0.6
0.8
1.0
0
255075
100
125
150
T
A - Ambient Temperature (°C)


Similar Part No. - SI3585CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI3585CDV TFUNK-SI3585CDV Datasheet
255Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3585CDV-T1-GE3 VBSEMI-SI3585CDV-T1-GE3 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Vishay Siliconix
SI3585CDV VISHAY-SI3585CDV_V01 Datasheet
285Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI3585CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com