Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3850ADV-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3850ADV-T1-GE3
Description  Complementary MOSFET Half-Bridge (N- and P-Channel)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3850ADV-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3850ADV-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI3850ADV-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 73789
S09-2110-Rev. B, 12-Oct-09
Vishay Siliconix
Si3850ADV
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.01
0.1
0.0
0.3
0.6
0.9
1.2
1.5
1
10
VSD - Source-to-Drain Voltage (V)
25 °C
0.001
150 °C
TJ - Temperature (°C)
- 0.4
- 0.3
- 0.2
- 0.1
- 0.0
0.1
0.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
ID = 5 mA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
VGS - Gate-to-Source Voltage (V)
0.0
0.3
0.6
0.9
1.2
1.5
012345
25 °C
125 °C
Time (s)
1
10
0.1
0.01
0.001
0
6
12
18
24
30
Safe Operating Area
TA = 25 °C
Single Pulse
DC
0.01
0.1
1
10
0.1
1
10
100
1 s, 10 s
100 ms
10 ms
1 ms
Limited by R
*
DS(on)
BVDSS Limited
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified


Similar Part No. - SI3850ADV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3850ADV-T1-E3 VISHAY-SI3850ADV-T1-E3 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
More results

Similar Description - SI3850ADV-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KI4500BDY KEXIN-KI4500BDY Datasheet
57Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
KI4501DY KEXIN-KI4501DY Datasheet
58Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY Datasheet
65Kb / 2P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
14-Jun-04
SI3850ADV VISHAY-SI3850ADV_08 Datasheet
128Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 27-Mar-06
SI4500BDY VISHAY-SI4500BDY_06 Datasheet
124Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. C, 12-Jun-06
SI4500DY VISHAY-SI4500DY Datasheet
106Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. A, 26-Apr-99
SI3850ADV VISHAY-SI3850ADV_V01 Datasheet
120Kb / 9P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
01-Jan-2022
SI4500BDY VISHAY-SI4500BDY_09 Datasheet
278Kb / 12P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. D, 27-Apr-09
SI4501DY VISHAY-SI4501DY Datasheet
58Kb / 7P
   Complementary MOSFET Half-Bridge (N- and P-Channel)
Rev. B, 19-Jul-99
logo
Guangdong Kexin Industr...
KI4501ADY KEXIN-KI4501ADY Datasheet
57Kb / 2P
   Complementary (N- and P-Channel) MOSFET Half-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com