Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4204DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4204DY
Description  Dual N-Channel 20 V MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4204DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4204DY Datasheet HTML 1Page - Vishay Siliconix SI4204DY Datasheet HTML 2Page - Vishay Siliconix SI4204DY Datasheet HTML 3Page - Vishay Siliconix SI4204DY Datasheet HTML 4Page - Vishay Siliconix SI4204DY Datasheet HTML 5Page - Vishay Siliconix SI4204DY Datasheet HTML 6Page - Vishay Siliconix SI4204DY Datasheet HTML 7Page - Vishay Siliconix SI4204DY Datasheet HTML 8Page - Vishay Siliconix SI4204DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4204DY
Document Number: 65154
S10-1042-Rev. A, 03-May-10
www.vishay.com
1
Dual N-Channel 20 V MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
20
0.0046 at VGS = 10 V
19.8a
14.5
0.006 at VGS = 4.5 V
17.3a
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4204DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 120 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
19.8
A
TC = 70 °C
15.9
TA = 25 °C
15.5b, c
TA = 70 °C
12.2b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
50
Source-Drain Current Diode Current
TC = 25 °C
IS
2.7
TA = 25 °C
1.6b, c
Pulsed Source-Drain Current
ISM
50
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
Single Pulse Avalanche Energy
EAS
20
Maximum Power Dissipation
TC = 25 °C
PD
3.25
W
TC = 70 °C
2.10
TA = 25 °C
2.0b, c
TA = 70 °C
1.25b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
45
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
29
38
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
DC/DC Converter
Fixed Telecom
Notebook PC


Similar Part No. - SI4204DY

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
   Dual N-Channel 20 V MOSFET
logo
Vishay Siliconix
SI4204DY VISHAY-SI4204DY Datasheet
194Kb / 9P
   Dual N-Channel 20 V MOSFET
09-Jul-2021
SI4204DY VISHAY-SI4204DY_V01 Datasheet
194Kb / 9P
   Dual N-Channel 20 V MOSFET
09-Jul-2021
More results

Similar Description - SI4204DY

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
   Dual N-Channel 20 V MOSFET
logo
VBsemi Electronics Co.,...
VBC6N2005 VBSEMI-VBC6N2005 Datasheet
744Kb / 9P
   Dual N-Channel 20 V MOSFET
logo
Vishay Siliconix
SI4204DY VISHAY-SI4204DY_V01 Datasheet
194Kb / 9P
   Dual N-Channel 20 V MOSFET
09-Jul-2021
logo
ACE Technology Co., LTD...
ACE3926E ACE-ACE3926E Datasheet
485Kb / 7P
   Dual N-Channel 20-V MOSFET
VER 1.1
logo
Vishay Siliconix
SIB912DK VISHAY-SIB912DK Datasheet
232Kb / 9P
   Dual N-Channel 20-V MOSFET
Rev. A, 01-Sep-08
SIB912DK VISHAY-SIB912DK_V01 Datasheet
289Kb / 9P
   Dual N-Channel 20 V MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA3205 VBSEMI-VBA3205 Datasheet
713Kb / 9P
   Dual N-Channel 20 V MOSFET
logo
Nexperia B.V. All right...
PMDPB28UN NEXPERIA-PMDPB28UN Datasheet
970Kb / 16P
   20 V, dual N-channel Trench MOSFET
PMDPB38UNE NEXPERIA-PMDPB38UNE Datasheet
335Kb / 14P
   20 V dual N-channel Trench MOSFET
logo
NXP Semiconductors
PMDXB600UNE PHILIPS-PMDXB600UNE_15 Datasheet
257Kb / 15P
   20 V, dual N-channel Trench MOSFET
1 July 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com