Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT68W Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT68W
Description  Silicon Schottky Diodes (For mixer applications in the VHF/UHF range For high speed switching)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT68W Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT68W Datasheet HTML 1Page - Siemens Semiconductor Group BAT68W Datasheet HTML 2Page - Siemens Semiconductor Group BAT68W Datasheet HTML 3Page - Siemens Semiconductor Group BAT68W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
Dec-20-1996
BAT 68W
Electrical Characteristics at
TA=25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Breakdown voltage
I(BR) = 100 µA
V(BR)
8
-
-
V
Reverse current
VR = 1 V, TA = 25 °C
VR = 1 V, TA = 60 °C
IR
-
-
-
-
1.2
0.1
µA
Forward voltage
IF = 1 mA
IF = 10 mA
VF
340
-
390
318
500
340
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
-
1
pF
Differential forward resistance
IF = 5 mA
RF
-
-
10
Forward current
IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
BAT 68W
0
20
40
60
80
100
120 °C 150
T
A,TS
0
20
40
60
80
100
120
140
160
mA
200
I
F
T
S
T
A
Forward current
IF = f (TA*;TS)
*): mounted on alumina 15mm x 16.7mm x 0.7mm
BAT 68-04W, -05W, -06W
0
20
40
60
80
100
120 °C 150
T
A,TS
0
20
40
60
80
100
120
140
160
mA
200
I
F
T
S
T
A


Similar Part No. - BAT68W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT68W KEXIN-BAT68W Datasheet
47Kb / 1P
   Silicon Schottky Diodes
More results

Similar Description - BAT68W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT68-07W SIEMENS-BAT68-07W Datasheet
43Kb / 5P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17W SIEMENS-BAT17W Datasheet
39Kb / 3P
   Silicon Schottky Diodes (For mixer applications in the VHF / UHF range For high-speed switching applications)
BAT17-07 SIEMENS-BAT17-07 Datasheet
99Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
BAT68-03W SIEMENS-BAT68-03W Datasheet
92Kb / 5P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high speed switching)
BAT17- SIEMENS-BAT17- Datasheet
93Kb / 4P
   Silicon Schottky Diode (For mixer applications in the VHF/UHF range For high-speed switching)
logo
Infineon Technologies A...
BAT17E6327 INFINEON-BAT17E6327 Datasheet
861Kb / 9P
   For mixer applications in VHF/UHF range
2011-06-15
logo
Hitachi Semiconductor
1SS174 HITACHI-1SS174 Datasheet
20Kb / 4P
   Silicon Schottky Barrier Diode for UHF TV Tuner Mixer, Various Detector, High speed switching
logo
Sanyo Semicon Device
1SS358 SANYO-1SS358 Datasheet
55Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
   VHF, UHF Detector and Mixer Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com