Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15034 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15034
Description  Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15034 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15034_11 Datasheet HTML 5Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 6Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Configurable, Single-/Dual-Output, Synchronous
Buck Controller for High-Current Applications
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
CSN2
Current-Sense Differential Amplifier Negative Input for Output 2. Connect CSN2 to the negative terminal of
the sense resistor. The differential voltage between CSP2 and CSN2 is internally amplified by the current-
sense amplifier (AV(CS) = 36V/V).
2
CSP2
Current-Sense Differential Amplifier Positive Input for Output 2. Connect CSP2 to the positive terminal of the
sense resistor. The differential voltage between CSP2 and CSN2 is internally amplified by the current-sense
amplifier (AV(CS) = 36V/V).
3
EAOUT2
Voltage Error-Amplifier Output 2. Connect to an external gain-setting feedback resistor. The error-amplifier
gain determines the output voltage load regulation for adaptive voltage positioning. This output also serves
as the compensation network connection from EAOUT2 to EAN2. A resistive network results in a drooped
output-voltage-regulation characteristic. An integrator configuration results in very tight output-voltage
regulation (see the Adaptive Voltage Positioning section).
4
EAN2
Voltage Error-Amplifier Inverting Input for Output 2. Connect a resistive divider from VOUT2 to EAN2 to
AGND to set the output voltage. A compensation network connects from EAOUT2 to EAN2. A resistive
network results in a drooped output-voltage-regulation characteristic. An integrator configuration results in
very tight output-voltage regulation (see the Adaptive Voltage Positioning section).
5
CLP2
Current-Error Amplifier Output 2. Compensate the current loop by connecting an R-C network from CLP2 to
AGND.
6
AVGLIMIT
Average Current-Limit Programming. Connect a resistor-divider between REG, AVGLIMIT, and AGND to set
the average current-limit value (see the Programming Average the Current Limit section).
7
RT/CLKIN
External Clock Input or Internal Frequency-Setting Connection. Connect a resistor from RT/CLKIN to AGND
to set the switching frequency. Connect an external clock at RT/CLKIN for external frequency
synchronization.
8
AGND
Analog Ground
9
MODE
Mode Function Input. MODE selects between a single-output dual phase or a dual-output buck regulator.
When MODE is grounded, VEA1 and VEA2 connect to CEA1 and CEA2, respectively (see Figure 1) and the
device operates as a two-output, out-of-phase buck regulator. When MODE is connected to REG (logic
high), VEA2 is disconnected and VEA1 is routed to both CEA1 and CEA2.
10
CLP1
Current-Error Amplifier Output 1. Compensate the current loop by connecting an R-C network from CLP1 to
AGND.
11
EAN1
Voltage Error-Amplifier Inverting Input for Output 1. Connect a resistive divider from VOUT1 to EAN1 to
regulate the output voltage. A compensation network connects from EAOUT1 to EAN1. A resistive network
results in a drooped output-voltage-regulation characteristic. An integrator configuration results in very tight
output-voltage regulation (see the Adaptive Voltage Positioning section).
12
EAOUT1
Voltage Error-Amplifier Output 1. Connect to an external gain-setting feedback resistor. The error-amplifier
gain determines the output-voltage-load regulation for adaptive voltage positioning. This output also serves
as the compensation network connection from EAOUT1 to EAN1. A resistive network results in a drooped
output-voltage-regulation characteristic. An integrator configuration results in very tight output-voltage
regulation (see the Adaptive Voltage Positioning section).
13
CSP1
Current-Sense Differential Amplifier Positive Input for Output 1. Connect CSP1 to the positive terminal of the
sense resistor. The differential voltage between CSP1 and CSN1 is internally amplified by the current-sense
amplifier (AV(CS) = 36V/V).
14
CSN1
Current-Sense Differential Amplifier Negative Input for Output 1. Connect CSN1 to the negative terminal of
the sense resistor. The differential voltage between CSP1 and CSN1 is internally amplified by the current-
sense amplifier (AV(CS) = 36V/V).


Similar Part No. - MAX15034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034AAUI++ MAXIM-MAX15034AAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BAUI++ MAXIM-MAX15034BAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results

Similar Description - MAX15034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com