Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15034 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX15034
Description  Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15034 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX15034_11 Datasheet HTML 7Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 8Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 9Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 10Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 11Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 12Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 13Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 14Page - Maxim Integrated Products MAX15034_11 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Two enable comparators (CEN1 and CEN2) are avail-
able to control and sequence the two PWM sections
through the enable (EN1 or EN2) inputs. An oscillator,
with an externally programmable frequency generates
two clock pulse trains and two ramps for both PWM
sections. The two clocks and the two ramps are 180°
out of phase with each other.
A linear regulator (REG) generates the 5V to supply the
device. This regulator has the output-current capability
necessary to provide for the MAX15034’s internal
circuitry and the power for the external MOSFET’s gate
drivers. Internal UVLO circuitry ensures that the
MAX15034 starts up when VREG is at the correct volt-
age levels to guarantee safe operation of the IC and of
the power MOSFETs.
Finally, a thermal-shutdown feature protects the device
during thermal faults and shuts down the MAX15034
when the die temperature exceeds +160°C.
16
17
18
19
BST1
DH1
LX1
DL1
20
27
26
25
24
23
BST2
DH2
LX2
DL2
PGND
VDD
2 CSP2
1 CSN2
13 CSP1
14 CSN1
CA1
11
EAN1
6
AVGLIMIT
AGND
8
EN1
15
EN2
28
CA2
CPWM1
CPWM2
7 RT/CLKIN
CEA1
CEA2
12
EAOUT1
9
MODE
3
EAOUT2
5
CLP2
10
CLP1
22
IN
21
REG
1.225V
1.225V
THERMAL
SHUTDOWN
VDD
MUX
4
EAN2
CEN1
VEA1
DF1 AND
HICCUP
LOGIC
EXTERNAL FREQUENCY SYNC
0
°
CONTROL
AND DRIVER
LOGIC 1
CONTROL
AND DRIVER
LOGIC 2
DF2 AND
HICCUP
LOGIC
OSCILLATOR
AND PHASE
SPLITTER
180
°
2VP-P
RAMP
VREG = 5V
FOR INTERNAL
BIASING
UVLO
VINTREF = 0.61V
VEA2
CEN2
2VP-P
RAMP
Figure 1. Block Diagram
Configurable, Single-/Dual-Output, Synchronous
Buck Controller for High-Current Applications
______________________________________________________________________________________
11


Similar Part No. - MAX15034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15034AAUI++ MAXIM-MAX15034AAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BAUI++ MAXIM-MAX15034BAUI+ Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
MAX15034BEVKIT MAXIM-MAX15034BEVKIT Datasheet
80Kb / 1P
   Evaluation Kit for the MAX15034B and MAX5066
11/10/2009
More results

Similar Description - MAX15034_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5066 MAXIM-MAX5066 Datasheet
367Kb / 22P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 1; 8/05
MAX15034 MAXIM-MAX15034 Datasheet
356Kb / 25P
   Configurable, Single-/Dual-Output, Synchronous Buck Controller for High-Current Applications
Rev 0; 7/08
logo
Renesas Technology Corp
ISL6228 RENESAS-ISL6228 Datasheet
860Kb / 17P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Intersil Corporation
ISL6228HRTZ INTERSIL-ISL6228HRTZ Datasheet
467Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
May 7, 2008
ISL6228 INTERSIL-ISL6228 Datasheet
470Kb / 16P
   High-Performance Dual-Output Buck Controller for Notebook Applications
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com