Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15070A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15070A
Description  7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15070A Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX15070A Datasheet HTML 1Page - Maxim Integrated Products MAX15070A Datasheet HTML 2Page - Maxim Integrated Products MAX15070A Datasheet HTML 3Page - Maxim Integrated Products MAX15070A Datasheet HTML 4Page - Maxim Integrated Products MAX15070A Datasheet HTML 5Page - Maxim Integrated Products MAX15070A Datasheet HTML 6Page - Maxim Integrated Products MAX15070A Datasheet HTML 7Page - Maxim Integrated Products MAX15070A Datasheet HTML 8Page - Maxim Integrated Products MAX15070A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7A Sink, 3A Source,
12ns, SOT23 MOSFET Drivers
7
Detailed Description
Logic Inputs
The MAX15070A/MAX15070Bs’ logic inputs are pro-
tected against voltage spikes up to +16V, regardless of
the V+ voltage. The low 10pF input capacitance of the
inputs reduces loading and increases switching speed.
These ICs have two inputs that give the user greater
flexibility in controlling the MOSFET. Table 1 shows all
possible input combinations. The difference between the
MAX15070A and the MAX15070B is the input threshold
voltage. The MAX15070A has TTL logic-level thresholds,
while the MAX15070B has HNM (CMOS-like) logic-level
thresholds (see the Electrical Characteristics). Connect
IN+ to V+ or IN- to GND when not used. Alternatively,
the unused input can be used as an on/off control input
(Table 1).
Undervoltage Lockout (UVLO)
When V+ is below the UVLO threshold, the n-channel is
on and the p-channel is off, independent of the state of
the inputs. The UVLO is typically 3.45V with 200mV typi-
cal hysteresis to avoid chattering. A typical falling delay
of 2Fs makes the UVLO immune to narrow negative tran-
sients in noisy environments.
Driver Outputs
The ICs provide two separate outputs. One is an open-
drain p-channel, the other an open-drain n-channel. They
have distinct current sourcing/sinking capabilities to inde-
pendently control the rise and fall times of the MOSFET
gate. Add a resistor in series with P_OUT/N_OUT to slow
the corresponding rise/fall time of the MOSFET gate.
Figure 1. Timing Diagram and Test Circuit
Table 1. Truth Table
L = Logic-low, H = Logic-high.
IN+
VIL
90%
10%
tD-OFF
P_OUT AND
N_OUT
CONNECTED
TOGETHER
tD-ON
tF
tR
IN+
IN-
V+
V+
CL
N_OUT
GND
P_OUT
TEST CIRCUIT
TIMING DIAGRAM
INPUT
OUTPUT
VIH
MAX15070A
MAX15070B
IN+
IN-
p-CHANNEL
n-CHANNEL
L
L
Off
On
L
H
Off
On
H
L
On
Off
H
H
Off
On


Similar Part No. - MAX15070A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15070AAUT MAXIM-MAX15070AAUT Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX15070AAUT++ MAXIM-MAX15070AAUT+ Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070AAUT/V MAXIM-MAX15070AAUT/V Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX15070AAUT/V++ MAXIM-MAX15070AAUT/V+ Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
More results

Similar Description - MAX15070A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17600 MAXIM-MAX17600 Datasheet
2Mb / 12P
   4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Rev 1; 5/12
MAX5048C MAXIM-MAX5048C Datasheet
1Mb / 11P
   7A Sink/3A Source Current
Rev 1; 1/15
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048 MAXIM-MAX5048_05 Datasheet
661Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 4; 7/05
MAX5048BAUTTG16 MAXIM-MAX5048BAUTTG16 Datasheet
257Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 5; 11/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com