Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16020 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16020
Description  Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16020 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16020 Datasheet HTML 7Page - Maxim Integrated Products MAX16020 Datasheet HTML 8Page - Maxim Integrated Products MAX16020 Datasheet HTML 9Page - Maxim Integrated Products MAX16020 Datasheet HTML 10Page - Maxim Integrated Products MAX16020 Datasheet HTML 11Page - Maxim Integrated Products MAX16020 Datasheet HTML 12Page - Maxim Integrated Products MAX16020 Datasheet HTML 13Page - Maxim Integrated Products MAX16020 Datasheet HTML 14Page - Maxim Integrated Products MAX16020 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Low-Power µP Supervisory Circuits with
Battery-Backup Circuit and Chip-Enable Gating
______________________________________________________________________________________
11
Pin Description—MAX16020/MAX16021 (continued)
PIN
MAX16020
MAX16021
NAME
FUNCTION
99
WDO
Active-Low Watchdog Output. WDO asserts when WDI remains high or low longer than the
watchdog timeout period. WDO returns high on the next WDI transition or when a reset is
asserted.
10
10
PFO
Active-Low Power-Fail Comparator Output. PFO goes low when VPFI falls below the internal
0.6V VPFT threshold and goes high when VPFI rises above VPFT + VPFT-HYS hysteresis.
11
11
GND
Ground
12
12
RESET
Active-Low Reset Output. RESET asserts when VCC falls below the reset threshold or MR is
pulled low. RESET remains low for the duration of the reset timeout period after VCC rises
above the reset threshold and MR goes high.
13
13
OUT
Switched Output. OUT is connected to VCC when the reset output is not asserted or when
VCC is greater than VBATT. OUT connects to BATT when RESET is asserted and VBATT is
greater than VCC. Bypass OUT to GND with a 0.1µF (min) capacitor.
14
14
CEOUT
Active-Low Chip-Enable Output. CEOUT goes low only when CEIN is low and reset is not
asserted. If CEIN is low when reset is asserted, CEOUT stays low for 12µs (typ) or until
CEIN goes high, whichever occurs first.
15
15
CEIN
Chip-Enable Input. The input to CE gating circuitry. Connect to GND or OUT if not used.
16
16
VCC
Supply Voltage Input. Bypass VCC to GND with a 0.1µF capacitor.
——
EP
Exposed Pad. Internally connected to GND. Connect EP to a large ground plane to aid
heat dissipation. Do not use EP as the only ground connection for the device.


Similar Part No. - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results

Similar Description - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
   Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16016 MAXIM-MAX16016 Datasheet
214Kb / 21P
   Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 2; 10/08
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com