Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4501BDY-T1-GE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4501BDY-T1-GE3
Description  Complementary (N- and P-Channel) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4501BDY-T1-GE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4501BDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4501BDY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 67441
S11-0245-Rev. A, 14-Feb-11
Vishay Siliconix
Si4501BDY
N-CHANNEL TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 2 V
V
GS = 3 V
0.010
0.012
0.014
0.016
0.018
0.020
0
8
16
24
32
40
I
D - Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0.0
3.4
6.8
10.2
13.6
17.0
Q
g - Total Gate Charge (nC)
V
DS = 15 V
V
DS = 10 V
V
DS = 20 V
I
D = 10 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.6
1.2
1.8
2.4
3.0
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
220
440
660
880
1100
0
6
12
18
24
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 10 A
V
GS = 10 V
V
GS = 4.5 V


Similar Part No. - SI4501BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4501BDY-T1-GE3 VISHAY-SI4501BDY-T1-GE3 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
More results

Similar Description - SI4501BDY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4501ADY VISHAY-SI4501ADY_V01 Datasheet
137Kb / 9P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI4501BD TFUNK-SI4501BD Datasheet
279Kb / 15P
   Complementary (N- and P-Channel) MOSFET
logo
Vishay Siliconix
SI4501BDY VISHAY-SI4501BDY_V01 Datasheet
251Kb / 14P
   Complementary (N- and P-Channel) MOSFET
01-Jan-2022
logo
Advanced Linear Devices
ALD1115 ALD-ALD1115 Datasheet
66Kb / 6P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
ALD1115 ALD-ALD1115_11 Datasheet
85Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
logo
ADL Embedded Solutions
ALD1115 ADL-ALD1115 Datasheet
70Kb / 8P
   COMPLEMENTARY N-CHANNEL AND P-CHANNEL MOSFET
2021
logo
Will Semiconductor Ltd.
WCM4616 WILLSEMI-WCM4616 Datasheet
2Mb / 9P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2068 WILLSEMI-WCM2068 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 20V,MOSFET
WCM2070 WILLSEMI-WCM2070 Datasheet
1Mb / 11P
   N- and P-Channel Complementary, 12V,MOSFET
WCM2079 WILLSEMI-WCM2079 Datasheet
914Kb / 8P
   N- and P-Channel Complementary, 20V,MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com