Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4511DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4511DY
Description  N- and P-Channel 20-V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4511DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4511DY_09 Datasheet HTML 1Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 2Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 3Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 4Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 5Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 6Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 7Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 8Page - Vishay Siliconix SI4511DY_09 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si4511DY
Document Number: 72223
S09-0867-Rev. E, 18-May-09
www.vishay.com
1
N- and P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
Compliant to RoHS directive 2002/95/EC
APPLICATIONS
Level Shift
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
20
0.0145 at VGS = 10 V
9.6
0.017 at VGS = 4.5 V
8.6
P-Channel
- 20
0.033 at VGS = - 4.5 V
- 6.2
0.050 at VGS = - 2.5 V
- 5
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4511DY
-T1-E3 (Lead (Pb)-free)
Si4511DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
S2
G2
G1
S1
D2
D1
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t
≤ 10 s.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 s
Steady State
10 s
Steady State
Drain-Source Voltage
VDS
20
- 20
V
Gate-Source Voltage
VGS
± 16
± 12
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
9.6
7.2
- 6.2
- 4.6
A
TA = 70 °C
7.7
5.8
- 4.9
- 3.7
Pulsed Drain Current
IDM
40
- 40
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
- 1.7
- 0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2
1.1
2
1.1
W
TA = 70 °C
1.3
0.7
1.3
0.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
50
62.5
50
62.5
°C/W
Steady State
85
110
90
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
30
35


Similar Part No. - SI4511DY_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY_06 Datasheet
127Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Jun-06
More results

Similar Description - SI4511DY_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI3586DV VISHAY-SI3586DV_09 Datasheet
212Kb / 13P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. D, 12-Oct-09
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI4511DY VISHAY-SI4511DY Datasheet
77Kb / 8P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Aug-04
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 20-Mar-06
SI5515CDC VISHAY-SI5515CDC_10 Datasheet
276Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SIA519EDJ VISHAY-SIA519EDJ Datasheet
275Kb / 14P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 14-Dec-09
SI4511DY VISHAY-SI4511DY_V01 Datasheet
142Kb / 9P
   N- and P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
AO7600 VBSEMI-AO7600 Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com