Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4564DY-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4564DY-T1-GE3
Description  N- and P-Channel 40 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4564DY-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4564DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4564DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 65922
S10-0455-Rev. B, 22-Feb-10
Vishay Siliconix
Si4564DY
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
N-Ch
40
V
VGS = 0 V, ID = - 250 µA
P-Ch
- 40
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
N-Ch
40
mV/°C
ID = - 250 µA
P-Ch
- 34
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
ID = 250 µA
N-Ch
- 4.1
ID = - 250 µA
P-Ch
5.0
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
N-Ch
0.8
2.0
V
VDS = VGS, ID = - 250 µA
P-Ch
- 1.2
- 2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 16 V
N-Ch
± 100
nA
VDS = 0 V, VGS = ± 20 V
P-Ch
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
N-Ch
1
µA
VDS = - 40 V, VGS = 0 V
P-Ch
- 1
VDS = 40 V, VGS = 0 V, TJ = 55 °C
N-Ch
10
VDS = - 40 V, VGS = 0 V, TJ = 55 °C
P-Ch
- 10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
N-Ch
20
A
VDS = - 5 V, VGS = - 10 V
P-Ch
- 20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 8 A
N-Ch
0.0145 0.0175
Ω
VGS = - 10 V, ID = - 8 A
P-Ch
0.0175
0.021
VGS = 4.5 V, ID = 5 A
N-Ch
0.017
0.020
VGS = - 4.5 V, ID = - 5 A
P-Ch
0.0232
0.028
Forward Transconductanceb
gfs
VDS = 15 V, ID = 8 A
N-Ch
27
S
VDS = - 15 V, ID = - 8 A
P-Ch
25
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 20 V, VGS = 0 V, f = 1 MHz
P-Channel
VDS = - 20 V, VGS = 0 V, f = 1 MHz
N-Ch
855
pF
P-Ch
2000
Output Capacitance
Coss
N-Ch
120
P-Ch
240
Reverse Transfer Capacitance
Crss
N-Ch
48
P-Ch
202
Total Gate Charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
N-Ch
20.5
31
nC
VDS = - 20 V, VGS = - 10 V, ID = - 10 A
P-Ch
41.5
63
N-Channel
VDS = 20 V, VGS = 4.5 V, ID = 10 A
P-Channel
VDS = - 20 V, VGS = - 4.5 V, ID = - 10 A
N-Ch
9.8
15
P-Ch
21.7
33
Gate-Source Charge
Qgs
N-Ch
2.6
P-Ch
5.6
Gate-Drain Charge
Qgd
N-Ch
2.6
P-Ch
9.8
Gate Resistance
Rg
f = 1 MHz
N-Ch
0.3
1.5
3.0
Ω
P-Ch
1.3
6.4
12.8


Similar Part No. - SI4564DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SI4564DY VBSEMI-SI4564DY Datasheet
1Mb / 14P
   N- and P-Channel 40V (D-S) MOSFET
logo
Vishay Siliconix
SI4564DY VISHAY-SI4564DY Datasheet
234Kb / 14P
   N- and P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4564DY VISHAY-SI4564DY_V01 Datasheet
234Kb / 14P
   N- and P-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4564DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI4564DY TFUNK-SI4564DY Datasheet
303Kb / 15P
   N- and P-Channel 40 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
STU310DH VBSEMI-STU310DH Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
VBE5415 VBSEMI-VBE5415 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
P2003ND5G VBSEMI-P2003ND5G Datasheet
2Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
4533GEH-HF VBSEMI-4533GEH-HF Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
AOD609 VBSEMI-AOD609 Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4561DY VISHAY-SI4561DY_V01 Datasheet
141Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
01-Jan-2022
73224 VISHAY-73224 Datasheet
87Kb / 8P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. A, 17-Jan-05
SI4563DY VISHAY-SI4563DY Datasheet
135Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 09-Mar-09
SI3529DV VISHAY-SI3529DV Datasheet
151Kb / 12P
   N- and P-Channel 40-V (D-S) MOSFET
Rev. C, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com