Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7541-2 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7541-2
Description  100mA Low Power LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7541-2 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7541-2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7541-2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Circuit for Increasing Output Voltage
V= V
( 1 +
R2
R1
)+I
R2
OUT
XX
SS
Circuit for Increasing Output Voltage
V= V
+ V
OUT
XX
D1
Constant Current Regulator
I=
V
R
+I
OUT
XX
A
SS
Dual Supply
HT75XX-2
Rev. 1.20
5
June 1, 2011
G N D
I C 1
G N D
I C 2
C o m m o n
C o m m o n
R 1
H T 7 5 X X - 2
S e r i e s
H T 7 5 X X - 2
S e r i e s
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
C 3
1 0 m F
V O U T
V O U T
V I N
C 1
1 0 m F
C o m m o n
G N D
H T 7 5 X X - 2
S e r i e s
C 1
1 0 m F
C 2
1 0 m F
I S S
V I N
V I N
V O U T
V X X
I O U T
R A
R L
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
R 1
R 2
H T 7 5 X X - 2
S e r i e s
C 1
1 0 m F
V I N
V X X
V O U T
V O U T
I S S
V I N
C 2
1 0 m F
C o m m o n
C o m m o n
S i n g l e p o i n t G N D
G N D
D 1
R 1
H T 7 5 X X - 2
S e r i e s
C 2
1 0 m F
V I N
V O U T
V O U T
V I N
V X X
I S S
C 1
1 0 m F


Similar Part No. - HT7541-2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
HT7540 YFWDIODE-HT7540 Datasheet
2Mb / 8P
   Low Dropout Regulators
logo
Holtek Semiconductor In...
HT7540-1 HOLTEK-HT7540-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT7540-1 HOLTEK-HT7540-1 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT7540-2 HOLTEK-HT7540-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
HT7540-2 HOLTEK-HT7540-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
More results

Similar Description - HT7541-2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX-1 HOLTEK-HT75XX-1 Datasheet
129Kb / 14P
   100mA Low Power LDO
HT75XX-1 HOLTEK-HT75XX-1_13 Datasheet
1Mb / 20P
   100mA Low Power LDO
HT75XX-2 HOLTEK-HT75XX-2 Datasheet
104Kb / 10P
   100mA Low Power LDO
logo
Sirectifier Semiconduct...
BL6312R SIRECTIFIER-BL6312R Datasheet
257Kb / 8P
   100mA Low Power LDO
logo
SHANGHAI BELLING CO., L...
BL91XX BELLING-BL91XX Datasheet
449Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7530-2 HOLTEK-HT7530-2 Datasheet
96Kb / 9P
   100mA Low Power LDO
logo
Galaxy Semi-Conductor H...
BL6312R BILIN-BL6312R Datasheet
213Kb / 8P
   100mA Low Power LDO
logo
Holtek Semiconductor In...
HT7521-1 HOLTEK-HT7521-1 Datasheet
152Kb / 20P
   100mA Low Power LDO
HT75XX-3 HOLTEK-HT75XX-3 Datasheet
1Mb / 18P
   100mA Low Power LDO
logo
First Silicon Co., Ltd
FC75XXSA FS-FC75XXSA Datasheet
558Kb / 7P
   100mA Low Power LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com